Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4040 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # LM4040
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LM4040 Datasheet(HTML) 4 Page - Vishay Siliconix

  LM4040 Datasheet HTML 1Page - Vishay Siliconix LM4040 Datasheet HTML 2Page - Vishay Siliconix LM4040 Datasheet HTML 3Page - Vishay Siliconix LM4040 Datasheet HTML 4Page - Vishay Siliconix LM4040 Datasheet HTML 5Page - Vishay Siliconix LM4040 Datasheet HTML 6Page - Vishay Siliconix LM4040 Datasheet HTML 7Page - Vishay Siliconix LM4040 Datasheet HTML 8Page - Vishay Siliconix LM4040 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
www.ti.com
LM4040
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SLOS456J – JANUARY 2005 – REVISED SEPTEMBER 2006
ORDERING INFORMATION (continued)
DEVICE
ORDERABLE
TOP-SIDE
TA
VKA
PACKAGE(1)
GRADE
PART NUMBER
MARKING(2)
SC-70 (DCK)
Reel of 3000
LM4040C20IDCKR
MV_
Reel of 3000
LM4040C20IDBZR
SOT-23-3 (DBZ)
4MQ_
2.048 V
Reel of 250
LM4040C20IDBZT
Bulk of 1000
LM4040C20ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040C20ILPR
SC-70 (DCK)
Reel of 3000
LM4040C25IDCKR
M4_
Reel of 3000
LM4040C25IDBZR
SOT-23-3 (DBZ)
4MU_
2.5 V
Reel of 250
LM4040C25IDBZT
Bulk of 1000
LM4040C25ILP
TO-92/TO-226 (LP)
NCF25I
Reel of 2000
LM4040C25ILPR
SC-70 (DCK)
Reel of 3000
LM4040C30IDCKR
PB_
Reel of 3000
LM4040C30IDBZR
SOT-23-3 (DBZ)
4M8_
3 V
Reel of 250
LM4040C30IDBZT
Bulk of 1000
LM4040C30ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040C30ILPR
C grade:
SC-70 (DCK)
Reel of 3000
LM4040C41IDCKR
P6_
0.5% initial
Reel of 3000
LM4040C41IDBZR
accuracy
SOT-23-3 (DBZ)
4M4_
–40
°C to 85°C
and
4.096 V
Reel of 250
LM4040C41IDBZT
100 ppm/
°C
Bulk of 1000
LM4040C41ILP
temperature
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040C41ILPR
coefficient
SC-70 (DCK)
Reel of 3000
LM4040C50IDCKR
MZ_
Reel of 3000
LM4040C50IDBZR
SOT-23-3 (DBZ)
4NC_
5 V
Reel of 250
LM4040C50IDBZT
Bulk of 1000
LM4040C50ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040C50ILPR
SC-70 (DCK)
Reel of 3000
LM4040C82IDCKR
PF_
Reel of 3000
LM4040C82IDBZR
SOT-23-3 (DBZ)
4NN_
8.192 V
Reel of 250
LM4040C82IDBZT
Bulk of 1000
LM4040C82ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040C82ILPR
SC-70 (DCK)
Reel of 3000
LM4040C10IDCKR
PK_
Reel of 3000
LM4040C10IDBZR
SOT-23-3 (DBZ)
4NS_
10 V
Reel of 250
LM4040C10IDBZT
Bulk of 1000
LM4040C10ILP
TO-92/TO-226 (LP)
NFC10I
Reel of 2000
LM4040C10ILPR
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com