Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4040 Datasheet(PDF) 26 Page - Vishay Siliconix

Part # LM4040
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LM4040 Datasheet(HTML) 26 Page - Vishay Siliconix

Back Button LM4040 Datasheet HTML 22Page - Vishay Siliconix LM4040 Datasheet HTML 23Page - Vishay Siliconix LM4040 Datasheet HTML 24Page - Vishay Siliconix LM4040 Datasheet HTML 25Page - Vishay Siliconix LM4040 Datasheet HTML 26Page - Vishay Siliconix LM4040 Datasheet HTML 27Page - Vishay Siliconix LM4040 Datasheet HTML 28Page - Vishay Siliconix LM4040 Datasheet HTML 29Page - Vishay Siliconix LM4040 Datasheet HTML 30Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Temperature (_C)
VZ = 2.5 V
IZ = 150 µA
50 ppm/
°C
20 ppm/
°C
7 ppm/
°C
−0.4
0.1
0
−0.1
−0.2
−0.3
0.6
0.5
0.4
0.3
0.2
−40
0
−20
120
100
80
60
40
20
100
1k
1M
10k
100k
Frequency (Hz)
1000
100
10
1
0.1
VZ = 2.5 V
IZ = 150 µA
TJ = 25°C
IZ,AC = 0.1 IZ
XC
No Capacitor
1
µF
Tantanlum
Capacitor
100
1k
1M
10k
100k
Frequency (Hz)
1000
100
10
1
0.1
VZ = 2.5 V
IZ = 1 mA
TJ = 25°C
IZ,AC = 0.1 IZ
XC
No Capacitor
1-
µF
Tantanlum
Capacitor
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VZ, Reverse Voltage (V)
VZ = 2.5 V
TJ = 25°C
0
1
2.5
1.5
2
0.5
3
1
100
100k
1k
10k
Frequency (Hz)
10
1
0.1
10
VZ = 2.5 V
IZ = 200 µA
TJ = 25°C
−1
0
1
2
3
4
5
6
−10
0
10
20
30
40
50
60
70
80
90
VZ = 2.5 V
TJ = 25°C
RS = 30 kΩ
Response Time (
µs)
VIN
VZ
6
4
2
0
−2
−4
−6
−8
−10
−12
LM4040
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SLOS456J – JANUARY 2005 – REVISED SEPTEMBER 2006
Figure 1. Temperature Drift for Different Average
Figure 2. Output Impedance vs Frequency
Temperature Coefficients
Figure 3. Output Impedance vs Frequency
Figure 4. Temperature Drift for Different Average
Temperature Coefficient
Figure 5. Noise Voltage vs Frequency
Figure 6. Start-Up Characteristics
26
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com