Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4040 Datasheet(PDF) 27 Page - Vishay Siliconix

Part # LM4040
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LM4040 Datasheet(HTML) 27 Page - Vishay Siliconix

Back Button LM4040 Datasheet HTML 23Page - Vishay Siliconix LM4040 Datasheet HTML 24Page - Vishay Siliconix LM4040 Datasheet HTML 25Page - Vishay Siliconix LM4040 Datasheet HTML 26Page - Vishay Siliconix LM4040 Datasheet HTML 27Page - Vishay Siliconix LM4040 Datasheet HTML 28Page - Vishay Siliconix LM4040 Datasheet HTML 29Page - Vishay Siliconix LM4040 Datasheet HTML 30Page - Vishay Siliconix LM4040 Datasheet HTML 31Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
www.ti.com
APPLICATION INFORMATION
Start-Up Characteristics
1-Hz Rate
VZ
LM4040
RS
VIN
Output Capacitor
SOT-23 Connections
Use With ADCs or DACs
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
1
2
3
4
5
6
7
VREF
AIN0
AIN1
AIN2
AGND
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DGND
AIN3
VANA
2.2
µF
A1
A0
CLK
DB0
DB1
DB2
DB3
DB4
VDIG
BUSY
WR
CS
RD
3.2-MHz Clock
BUSY Output
Write Input
Read Input
5-V Analog Supply
10
µF
+
+
+
0.1
µF
ADS7842
LM4040A-41
909
0 V to VREF
5 V
LM4040
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SLOS456J – JANUARY 2005 – REVISED SEPTEMBER 2006
Figure 7. Test Circuit
The LM4040 does not require an output capacitor across cathode and anode for stability. However, if an output
bypass capacitor is desired, the LM4040 is designed to be stable with all capacitive loads.
There is a parasitic Schottky diode connected between pins 2 and 3 of the SOT-23 packaged device. Thus, pin
3 of the SOT-23 package must be left floating or connected to pin 2.
The LM4040x-41 is designed to be a cost-effective voltage reference as required in 12-bit data-acquisition
systems. For 12-bit systems operating from 5-V supplies such as the ADS7842 (see Figure 8), the LM4040x-41
(4.096 V) permits operation with an LSB of 1 mV.
Figure 8. Data-Acquisition Circuit With LM4040x-41
27
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com