Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAB9079 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # SAB9079
Description  Multistandard Picture-In-Picture PIP controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAB9079 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button SAB9079 Datasheet HTML 40Page - NXP Semiconductors SAB9079 Datasheet HTML 41Page - NXP Semiconductors SAB9079 Datasheet HTML 42Page - NXP Semiconductors SAB9079 Datasheet HTML 43Page - NXP Semiconductors SAB9079 Datasheet HTML 44Page - NXP Semiconductors SAB9079 Datasheet HTML 45Page - NXP Semiconductors SAB9079 Datasheet HTML 46Page - NXP Semiconductors SAB9079 Datasheet HTML 47Page - NXP Semiconductors SAB9079 Datasheet HTML 48Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
2000 Jan 13
44
Philips Semiconductors
Preliminary specification
Multistandard Picture-In-Picture (PIP)
controller
SAB9079HS
PACKAGE OUTLINE
UNIT
A1
min.
A2
A3
bp
cE(1)
eHE
LLp
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
2.90
2.50
0.25
0.25
0.27
0.17
0.23
0.11
14.1
13.9
0.50
17.35
17.05
7
°
0
°
0.08
0.20
1.60
0.08
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
1.03
0.73
SOT387-3
98-03-27
D(1)
20.1
19.9
HD
23.35
23.05
pin 1 index
b p
e
θ
E
A1
A
L p
detail X
L
(A )
3
B
38
c
D
H
b p
E
H
A2
v M B
D
A
e
v M A
1
128
103
102
65
64
39
w M
w M
0
5
10 mm
scale
SQFP128: plastic shrink quad flat package;
128 leads (lead length 1.6 mm); body 14 x 20 x 2.72 mm
SOT387-3
A
max.
3.40
X
y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com