Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAB9079 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SAB9079
Description  Multistandard Picture-In-Picture PIP controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAB9079 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SAB9079 Datasheet HTML 17Page - NXP Semiconductors SAB9079 Datasheet HTML 18Page - NXP Semiconductors SAB9079 Datasheet HTML 19Page - NXP Semiconductors SAB9079 Datasheet HTML 20Page - NXP Semiconductors SAB9079 Datasheet HTML 21Page - NXP Semiconductors SAB9079 Datasheet HTML 22Page - NXP Semiconductors SAB9079 Datasheet HTML 23Page - NXP Semiconductors SAB9079 Datasheet HTML 24Page - NXP Semiconductors SAB9079 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
2000 Jan 13
21
Philips Semiconductors
Preliminary specification
Multistandard Picture-In-Picture (PIP)
controller
SAB9079HS
Table 12 PIP numbering
ROW
COLUMN 0
COLUMN 1
COLUMN 2
COLUMN 3
0
PIPG0,0
PIPG0,1
PIPG0,2
PIPG0,3
1
PIPG1,0
PIPG1,1
PIPG1,2
PIPG1,3
2
PIPG2,0
PIPG2,1
PIPG2,2
PIPG2,3
3
PIPG3,0
PIPG3,1
PIPG3,2
PIPG3,3
ACQUISITION CONTROL
Acquisition control sets the reduction factors, the
acquisition fine positioning and the channel selection bits
are given in Table 13.
SHRed, SVRed, MHRed and MVRed
The reduction factors can be set in accordance with
Table 14.
SAHfp and SAVfp
The SAHfp and SAVfp bits control the horizontal
(2 pixels/step) and vertical (1 line/field/step) sub
acquisition positioning (upper left corner). When SAHfp is
set to logic 0, the sub channel will enter the freeze mode.
MAHfp and MAVfp
The MAHfp and MAVfp bits control the horizontal
(2 pixels/step) and vertical (1 line/field/step) main
acquisition positioning (upper left corner). When MAHfp is
set to logic 0, the main channel will enter the freeze mode.
SLSel and MLSel
Bits SLSel and MLSel select which PIP is updated.
A maximum of 16 PIPs can be displayed for the sub
channel. The number counting is done from the left to right
and from top to bottom.
If all PIPs are on (see Table 12) 16 PIPs are displayed.
If PIPs are put off the maximum number is limited to the
number of PIPs displayed. In the PIP mode where the
main and sub channel have the same reduction factors the
main channel can write in sub VDRAM address spaces
according to the same numbering. In all other cases MLSel
is inoperative and should be set to 0H. For replay and
other trick modes more PIPs can be stored and addressed
via the higher numbers (17 to 60). The numbers
61, 62 and 63 are not valid.
Table 13 Acquisition and channel selection bits
SUB
ADDRESS
DATA BYTES
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
18H
−
SVRed(2 : 0)
−
SHRed(2 : 0)
19H
−
MVRed(2 : 0)
−
MHRed(2 : 0)
1AH
SAHfp(7 : 0)
1BH
SAVfp(7 : 0)
1CH
MAHfp(7 : 0)
1DH
MAVfp(7 : 0)
1EH
−−
SLSel(5 : 0)
1FH
−−
MLSel(5 : 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com