Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAB9079 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SAB9079
Description  Multistandard Picture-In-Picture PIP controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAB9079 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SAB9079 Datasheet HTML 14Page - NXP Semiconductors SAB9079 Datasheet HTML 15Page - NXP Semiconductors SAB9079 Datasheet HTML 16Page - NXP Semiconductors SAB9079 Datasheet HTML 17Page - NXP Semiconductors SAB9079 Datasheet HTML 18Page - NXP Semiconductors SAB9079 Datasheet HTML 19Page - NXP Semiconductors SAB9079 Datasheet HTML 20Page - NXP Semiconductors SAB9079 Datasheet HTML 21Page - NXP Semiconductors SAB9079 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
2000 Jan 13
18
Philips Semiconductors
Preliminary specification
Multistandard Picture-In-Picture (PIP)
controller
SAB9079HS
SNonInt
This bit indicates the internal interface status of the sub
channel. A logic 0 indicates that the channel is in
interlaced mode, a logic 1 indicates that the channel is
non-interlaced.
Mask ID
This bit gives the version number of the chip. A logic 0
indicates that a SAB9079N1 is used, a logic 1 indicates
that a SAB9079N2 is used.
RepChano
These bits indicate the present picture number, counting
from 0, where replay acquisition is writing.
I2C-BUS DISPLAY SETTING REGISTERS
MPIPON and SPIPON
If MPIPON is set to logic 1 (see Table 10) the main PIP is
on. If it is set to logic 0 the main PIP is off. If SPIPON is set
to logic 1 the sub PIPs are on, in accordance with the
scheme of the PIPG bits (see Section “Positioning and
sizing of PIPs”). If SPIPON is set to logic 0 all the sub PIPs
are off. This can also be achieved by setting all PIPG bits
to zero.
MFreeze and SFreeze
MFreeze and SFreeze control the writing of data to the
VDRAM. If set to logic 0 the writing to the VDRAM is
disabled after the next VSYNC. If set to logic 1 the writing
is enabled after the next VSYNC.
I2CHold
The I2C-bus hold bit is set to logic 0 (default). This means
that all I2C-bus data is directly clocked into the internal
registers. A part of the I2C-bus data will be clocked in on
the next VSYNC (e.g. the reduction factors and the display
positioning). If the I2CHold bit is logic 1 that part of the
I2C-bus will not be clocked in on the next VSYNC. To make
the data available the I2CHold bit should be set to logic 0
again. This function is useful when much data has to be
sent and a screen update is not allowed when sending this
data. A list of I2C-bus registers which are clocked in on a
VSYNC is given below:
• MPIPON and SPIPON
• MFreeze, SFreeze and FillSet
• DNonInt, MNonInt and SNonInt
• PRIO
• BGHfp, BGVfp, MDHfp, MDVfp, SDHfp and SDVfp
• MHPic, MVPic, SHPic, SVPic, SHDis and SVDis
• PIPGc,r
• MHRed, MVRed, SHRed, SVRed, MLSel,
SLSel and SBSel
• OSDHfp, OSDVfp, OSDHDis and OSDVDis.
FillSet and FillOff
The FillSet bit sets the colour of all sub PIPs immediately
to a 30% grey value if is set to logic 1. If FillSet is set to
logic 0 then the 30% grey PIPs stay until the data in the
VDRAM is updated (unfrozen). This bit should be used in
the event that a new PIP mode is made in which the
VDRAM data becomes invalid. FillOff works the opposite
to FillSet. If this bit is set all the VDRAM data is made
visible in the PIPs and no PIP has a grey content. This bit
is generally not used.
MiS
If the MiS bit is set to logic 0 the main and sub channels
have their own independent memory spaces. If set to
logic 1 the main and sub channels share the same
memory space, this is only valid if the main and sub
channels have the same reduction factors.
YUVFilter
These bits control the vertical filtering of 1 : 1 for both the
Y* and UV channels independently. Several display filter
modes can be set with these bits. An overview is given in
Table 9. The Y filter should not be used in vertical 1
⁄1
modes.
Table 9
Display filter modes
CTE and LTE
Colour Transient Enhancement (CTE) can be set on or off.
Luminance Transient Enhancement (LTE) is controllable
via a scale, setting the scale value to 0H means that LTE
is off.
MODE
YUV FILTER
No filter
00H
UV 1 : 1 vertical filter
01H
Y1:1 vertical filter
10H
YUV1:1 vertical filter
11H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com