Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAB9079 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # SAB9079
Description  Multistandard Picture-In-Picture PIP controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAB9079 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button SAB9079 Datasheet HTML 22Page - NXP Semiconductors SAB9079 Datasheet HTML 23Page - NXP Semiconductors SAB9079 Datasheet HTML 24Page - NXP Semiconductors SAB9079 Datasheet HTML 25Page - NXP Semiconductors SAB9079 Datasheet HTML 26Page - NXP Semiconductors SAB9079 Datasheet HTML 27Page - NXP Semiconductors SAB9079 Datasheet HTML 28Page - NXP Semiconductors SAB9079 Datasheet HTML 29Page - NXP Semiconductors SAB9079 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
2000 Jan 13
26
Philips Semiconductors
Preliminary specification
Multistandard Picture-In-Picture (PIP)
controller
SAB9079HS
Table 19 OSD control registers
Table 20 OSD background
Table 21 Row and string settings
OSD CHARACTERS
The OSD characters can be written to I2C-bus sub address 80H and higher (see Table 22). The index OSDCHRpos,row,col
indicates the character position in the string, the row number and the column number of the string.
Table 22 OSD write register
SUB
ADDRESS
DATA BYTES
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
38H
OSDHfp(7 : 0)
39H
OSDVfp(7 : 0)
3AH
OSDHDis(7 : 0)
3BH
OSDVDis(7 : 0)
3CH
OSDEXP
OSDBG
OSDTR
OSDHRep(1 : 0)
OSDVRep(1 : 0)
MODE
OSDBG
OSDTR
NOTE
Only OSD
0
x
PIP (BG)
OSD with BG
1
0
30% white
Transparent
1
1
50% PIP/30% white
OSDXRep VALUE
OSDHRep NR. OF STRINGS
OSDVRep NR. OF ROWS
00B
1
1
01B
2
2
10B
3
3
11B
4
4
SUB
ADDRESS
DATA BYTES
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
80H
OSDChr0,0,0
81H
OSDChr0,0,1
82H
OSDChr0,0,2
83H
OSDChr0,0,3
84H
OSDChr0,1,0
85H
OSDChr0,1,1
86H
OSDChr0,1,2
86H
OSDChr0,1,3
||
DEH
OSDChr5,3,2
DFH
OSDChr5,3,3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com