Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24CSM01-I/P Datasheet(PDF) 24 Page - Microchip Technology

Part # 24CSM01-I/P
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01-I/P Datasheet(HTML) 24 Page - Microchip Technology

Back Button 24CSM01-I/P Datasheet HTML 20Page - Microchip Technology 24CSM01-I/P Datasheet HTML 21Page - Microchip Technology 24CSM01-I/P Datasheet HTML 22Page - Microchip Technology 24CSM01-I/P Datasheet HTML 23Page - Microchip Technology 24CSM01-I/P Datasheet HTML 24Page - Microchip Technology 24CSM01-I/P Datasheet HTML 25Page - Microchip Technology 24CSM01-I/P Datasheet HTML 26Page - Microchip Technology 24CSM01-I/P Datasheet HTML 27Page - Microchip Technology 24CSM01-I/P Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
24CSM01
DS20006781B
-page 24
Preliminary
 2023 Microchip Technology Inc. and its subsidiaries
9.2
Configuration Register Format
Following the word address bytes are the contents of
the 16-bit Configuration register. The Configuration
register format and bit definitions are seen in
Register 9-1 for the first byte (Byte 0) and in
Register 9-2 for the second byte (Byte 1).
Error Correction State latch (ECS): This latch is used
when the user needs to determine if the on-chip Error
Correction Code (ECC) logic scheme has been
invoked. For more information related to ECC, refer to
Section 6.3 “Internal Writing Methodology”. The
ECS latch will be set to logic ‘0’ unless the previously
executed read operation required the use of the ECC
logic scheme. When this occurs, the ECS latch will set
to logic ‘1’. The ECS latch will continue to read a logic
‘1’ until another read operation is issued and the use of
the ECC logic scheme was not required or a Power-on
Reset (POR) event occurred.
Enhanced Software Write Protection Mode bit
(EWPM): This bit is a feature in which the user can
select between Legacy Hardware Write Protection mode
(logic ‘0’) and Enhanced Software Write Protection
mode (logic ‘1’). Legacy Hardware Write Protection
mode allows the entire memory array to be
write-protected via the WP pin.
Enhanced Software Write Protection is a software
write-protect feature where the memory array is divided
into eight separate 64-Kbit (8192-byte) zones. Each
zone is independent and is configured using the
SWP[7:0] bits (Register 9-2). For additional information
related to the write protection schemes, refer to
Section 6.6 “Write Protection”.
Lock Configuration Register bit (LOCK): This bit
allows the user to lock the Configuration register so that
it is set to read-only and can no longer be modified,
thereby making the current data protection scheme
permanent. Refer to Section 9.5 “Locking the
Configuration Register” for additional information on
locking the Configuration register.
REGISTER 9-1:
CONFIGURATION REGISTER – BYTE 0
R-0
U-0
U-0
U-0
U-0
U-0
R/W
R/W
ECS
—
—
—
—
—EWPM
LOCK
bit 15
bit 8
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
ECS: Error Correction State latch
1 = The previously executed read operation did require the use of Error Correction Code (ECC)
0 = The previously executed read operation did not require the use of Error Correction Code (ECC)
bit 14-10
Unimplemented: Read as ‘0’
bit 9
EWPM: Enhanced Software Write Protection Mode bit
1 = Enhanced Protection: WP pin is treated as a “don’t care” and the memory array is protected in
accordance with the SWP bits defined in Register 9-2
0 = Legacy Protection (factory default): Entire memory array and Security register contents are
protected via the WP pin
bit 8
LOCK: Lock Configuration Register bit
1 = The Configuration register is set to read-only (permanent)
0 = The Configuration register can be written to (factory default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com