Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24CSM01-I/P Datasheet(PDF) 26 Page - Microchip Technology

Part # 24CSM01-I/P
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01-I/P Datasheet(HTML) 26 Page - Microchip Technology

Back Button 24CSM01-I/P Datasheet HTML 22Page - Microchip Technology 24CSM01-I/P Datasheet HTML 23Page - Microchip Technology 24CSM01-I/P Datasheet HTML 24Page - Microchip Technology 24CSM01-I/P Datasheet HTML 25Page - Microchip Technology 24CSM01-I/P Datasheet HTML 26Page - Microchip Technology 24CSM01-I/P Datasheet HTML 27Page - Microchip Technology 24CSM01-I/P Datasheet HTML 28Page - Microchip Technology 24CSM01-I/P Datasheet HTML 29Page - Microchip Technology 24CSM01-I/P Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 63 page
background image
24CSM01
DS20006781B
-page 26
Preliminary
 2023 Microchip Technology Inc. and its subsidiaries
9.3
Writing to the Configuration
Register
When writing to the Configuration register, a write
sequence must be sent to the device (see Section 6.1
“Byte Write” for additional information). The data
address values must be compliant with the values
found in Table 9-1, Table 9-2 and Table 9-3.
In order for the internal write process to start, both data
bytes (Byte 0 and Byte 1), along with a confirmation
byte, need to be sent to the device. Sending anything
other than these three bytes will cause the write cycle
to abort and the contents of the Configuration register
will not be changed.
The data of the confirmation byte depend on the value
being written to the LOCK bit. If the user intends to lock
the Configuration register (LOCK = ‘1’), the
confirmation byte must be 99h. If the user intends to
leave the register unlocked (LOCK = ‘0’), the
confirmation byte must be 66h.
Table 9-4 illustrates the valid data values for the
confirmation
byte.
Figure 9-1
illustrates
the
Configuration register write sequence.
FIGURE 9-1:
CONFIGURATION REGISTER WRITE SEQUENCE
Note:
Writing to the Configuration register
cannot be inhibited by asserting the
Write-Protect pin. Refer to Section 6.6
“Write Protection”, which describes the
device behavior with respect to the
Write-Protect pin status.
Note:
If an attempt is made to write to the
Configuration
register
after
the
Configuration register has been locked,
the
device
will
acknowledge
the
commands, but no write cycle will occur,
no data will be written and the device will
immediately accept a new command.
Note:
Once it is locked, the Configuration
register cannot be unlocked.
TABLE 9-4:
CONFIGURATION REGISTER CONFIRMATION BYTE
New LOCK Bit Value
D7
D6
D5
D4
D3
D2
D1
D0
1 (locked)
100
110
01
0 (unlocked)
011
001
10
SCL
MSb
MSb
MSb
SDA
1
2
34
5
6
7
8
91
2
3
4
5
6
7
8
9
12
34
5
6
7
8
9
Word Address – Byte 1
Word Address – Byte 0
Device Address Byte
10
1
1
0
0
1
x
x
x
1
0
x
x0
x
x
x
xx
x
0
xx
A2 A1 x
ACK
from
Client
ACK
from
Client
ACK
from
Client
Start by
Host
MSb
MSb
MSb
12
3
4
5
6
7
8
9
123
45
6
7
8
9
1
2
3
45
6
7
8
9
Configuration Register
Configuration Register
Configuration Register
xx
x
x
0
D8
D7 D6 D5 D4 D3 D2 D1 D0 0 D7 D6 D5 D4 D3 D2
0
D1 D0
xx D9
ACK
from
Client
ACK
from
Client
ACK
from
Client
Stop by
Host
Confirmation Byte
Byte 1
Byte 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com