Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24CSM01-I/P Datasheet(PDF) 16 Page - Microchip Technology

Part # 24CSM01-I/P
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01-I/P Datasheet(HTML) 16 Page - Microchip Technology

Back Button 24CSM01-I/P Datasheet HTML 12Page - Microchip Technology 24CSM01-I/P Datasheet HTML 13Page - Microchip Technology 24CSM01-I/P Datasheet HTML 14Page - Microchip Technology 24CSM01-I/P Datasheet HTML 15Page - Microchip Technology 24CSM01-I/P Datasheet HTML 16Page - Microchip Technology 24CSM01-I/P Datasheet HTML 17Page - Microchip Technology 24CSM01-I/P Datasheet HTML 18Page - Microchip Technology 24CSM01-I/P Datasheet HTML 19Page - Microchip Technology 24CSM01-I/P Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
24CSM01
DS20006781B
-page 16
Preliminary
 2023 Microchip Technology Inc. and its subsidiaries
6.3
Internal Writing Methodology
The 24CSM01 incorporates a built-in Error Correction
Code (ECC) logic scheme. The EEPROM array is
internally organized as a group of four connected 8-bit
bytes, plus an additional six ECC (Error Correction
Code) bits of EEPROM. These 38 bits are referred to as
the internal physical data word. During a read operation,
the ECC logic compares each 4-byte physical data word
with its corresponding six ECC bits. If a single bit out of
the 4-byte region reads incorrectly, the ECC logic will
detect the bad bit and replace it with the correct value
before the data are serially clocked out. This architecture
significantly improves the reliability of the 24CSM01
compared to an implementation that does not utilize
ECC.
It is important to note that data are always physically
written to the part at the internal physical data word level
regardless of the number of bytes written. Writing single
bytes is still possible with the byte write operation but,
internally, the other three bytes within that 4-byte
location where the single byte was written, along with the
six ECC bits, will be updated.
Due to this architecture, the write endurance is rated at
the internal physical data word level (4-byte word).
The system designer needs to optimize the application
writing algorithms to observe these internal word
boundaries to reach the write cycle endurance rating.
6.4
Write Cycle Timing
The length of the self-timed write cycle, or TWC, is
defined as the amount of time from the Stop condition
that begins the internal write operation to the Start
condition of the first device address byte sent to the
24CSM01 that it subsequently responds to with an
ACK (see Figure 6-3).
During the internally self-timed write cycle, any
attempts to access the device will be ignored.
FIGURE 6-3:
WRITE CYCLE TIMING
TWC
Stop
Condition
Start
Condition
Data Word n
ACK
D0
SDA
Stop
Condition
SCL
89
ACK
First Acknowledge from the device to
a valid device address sequence after
write cycle is initiated. The minimum
Twc can only be determined through
the use of an ACK polling routine.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com