Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24CSM01-I/P Datasheet(PDF) 12 Page - Microchip Technology

Part # 24CSM01-I/P
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01-I/P Datasheet(HTML) 12 Page - Microchip Technology

Back Button 24CSM01-I/P Datasheet HTML 8Page - Microchip Technology 24CSM01-I/P Datasheet HTML 9Page - Microchip Technology 24CSM01-I/P Datasheet HTML 10Page - Microchip Technology 24CSM01-I/P Datasheet HTML 11Page - Microchip Technology 24CSM01-I/P Datasheet HTML 12Page - Microchip Technology 24CSM01-I/P Datasheet HTML 13Page - Microchip Technology 24CSM01-I/P Datasheet HTML 14Page - Microchip Technology 24CSM01-I/P Datasheet HTML 15Page - Microchip Technology 24CSM01-I/P Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 63 page
background image
24CSM01
DS20006781B
-page 12
Preliminary
 2023 Microchip Technology Inc. and its subsidiaries
4.0
FUNCTIONAL DESCRIPTION
The 24CSM01 supports a bidirectional Two-Wire bus
and data transmission protocol. A device that sends
data onto the bus is defined as a transmitter and a
device receiving data as a receiver. The bus must be
controlled by a host device which generates the
Serial Clock (SCL), controls the bus access and
generates the Start and Stop conditions, while the
24CSM01 works as a client. Both host and client can
operate as a transmitter or receiver, but the host
determines which mode is activated.
5.0
BUS CHARACTERISTICS
The following bus protocol has been defined:
• Data transfer may be initiated only when the bus
is not busy.
• During data transfer, the data line must remain
stable whenever the clock line is high. Changes in
the data line, while the clock line is high, will be
interpreted as a Start or Stop condition.
Accordingly, the following bus conditions have been
defined (Figure 5-1).
5.1
Bus Not Busy (A)
Both data and clock lines remain high.
5.2
Start Data Transfer (B)
A high-to-low transition of the SDA line while the clock
(SCL) is high determines a Start condition. All
commands must be preceded by a Start condition.
5.3
Stop Data Transfer (C)
A low-to-high transition of the SDA line while the clock
(SCL) is high determines a Stop condition. All
operations must end with a Stop condition.
5.4
Data Valid (D)
The state of the data line represents valid data when,
after a Start condition, the data line is stable for the
duration of the high period of the clock signal.
The data on the line must be changed during the low
period of the clock signal. There is one bit of data per
clock pulse.
Each data transfer is initiated with a Start condition and
terminated with a Stop condition. The number of the
data bytes transferred between the Start and Stop
conditions is determined by the host device.
5.5
Acknowledge
Each receiving device, when addressed, is obliged to
generate an Acknowledge (ACK) signal after the
reception of each byte. The host device must generate
an extra clock pulse, which is associated with this
Acknowledge bit. See Figure 5-2 for Acknowledge
timing.
A device that acknowledges must pull down the SDA
line during the Acknowledge clock pulse in such a way
that the SDA line is stable low during the high period of
the Acknowledge-related clock pulse. Of course, setup
and hold times must be taken into account. During read
operations, the host must signal an end of data to the
client by not generating an Acknowledge (NACK) bit on
the last byte that has been clocked out of the client. In
this case, the client (24CSM01) will leave the data line
high to enable the host to generate the Stop condition.
FIGURE 5-1:
DATA TRANSFER SEQUENCE ON THE SERIAL BUS
Note:
The 24CSM01 does not generate any
Acknowledge bits if an internal write cycle
is in progress.
Address or
Acknowledge
Valid
Data
Allowed
to Change
Stop
Condition
Start
Condition
SCL
SDA
(A)
(B)
(D)
(D)
(C)
(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com