Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN4600ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADN4600ACPZ-R7
Description  4.25 Gbps, 8 × 8, Asynchronous Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4600ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADN4600ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADN4600ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADN4600ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADN4600ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADN4600ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADN4600ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADN4600ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADN4600ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADN4600ACPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Data Sheet
ADN4600
Rev. C | Page 25 of 28
CONTROL REGISTER MAP
Table 16. Basic Mode I2C Register Definitions
Addr
(Hex)
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
0x00
Reset
Reset
0x40
XPT
Configuration
IN PORT[2]
IN PORT[1]
IN PORT[0]
Broadcast
OUTPORT[2]
OUT PORT[1]
OUT PORT[0]
0x00
0x41
XPT Update
Update
0x00
0x50
XPT Status 0
OUT0[2]
OUT0[1]
OUT0[0]
0x51
XPT Status 1
OUT1[2]
OUT1[1]
OUT1[0]
0x52
XPT Status 2
OUT2[2]
OUT2[1]
OUT2[0]
0x53
XPT Status 3
OUT3[2]
OUT3[1]
OUT3[0]
0x54
XPT Status 4
OUT4[2]
OUT4[1]
OUT4[0]
0x55
XPT Status 5
OUT5[2]
OUT5[1]
OUT5[0]
0x56
XPT Status 6
OUT6[2]
OUT6[1]
OUT6[0]
0x57
XPT Status 7
OUT7[2]
OUT7[1]
OUT7[0]
0x58
XPT Temp 0
OUT1[2]
OUT1[1]
OUT1[0]
OUT0[2]
OUT0[1]
OUT0[0]
0x59
XPT Temp 1
OUT3[2]
OUT3[1]
OUT3[0]
OUT2[2]
OUT2[1]
OUT2[0]
0x5A
XPT Temp 2
OUT5[2]
OUT5[1]
OUT5[0]
OUT4[2]
OUT4[1]
OUT4[0]
0x5B
XPT Temp 3
OUT7[2]
OUT7[1]
OUT7[0]
OUT6[2]
OUT6[1]
OUT6[0]
0x80
RX0
Configuration
RX
PNSWAP
RX EQBY
RX EN
RX EQ[2]
RX EQ[1]
RX EQ[0]
0x30
0x88
RX1
Configuration
RX
PNSWAP
RX EQBY
RX EN
RX EQ[2]
RX EQ[1]
RX EQ[0]
0x30
0x90
RX2
Configuration
RX
PNSWAP
RX EQBY
RX EN
RX EQ[2]
RX EQ[1]
RX EQ[0]
0x30
0x98
RX3
Configuration
RX
PNSWAP
RX EQBY
RX EN
RX EQ[2]
RX EQ[1]
RX EQ[0]
0x30
0xA0
RX4
Configuration
RX
PNSWAP
RX EQBY
RX EN
RX EQ[2]
RX EQ[1]
RX EQ[0]
0x30
0xA8
RX5
Configuration
RX
PNSWAP
RX EQBY
RX EN
RX EQ[2]
RX EQ[1]
RX EQ[0]
0x30
0xB0
RX6
Configuration
RX
PNSWAP
RX EQBY
RX EN
RX EQ[2]
RX EQ[1]
RX EQ[0]
0x30
0xB8
RX7
Configuration
RX
PNSWAP
RX EQBY
RX EN
RX EQ[2]
RX EQ[1]
RX EQ[0]
0x30
0xC0
TX0
Configuration
TX EN
TX data rate
TX PE[2]
TX PE[1]
TX PE[0]
0x20
0xC8
TX1
Configuration
TX EN
TX data rate
TX PE[2]
TX PE[1]
TX PE[0]
0x20
0xD0
TX2
Configuration
TX EN
TX data rate
TX PE[2]
TX PE[1]
TX PE[0]
0x20
0xD8
TX3
Configuration
TX EN
TX data rate
TX PE[2]
TX PE[1]
TX PE[0]
0x20
0xE0
TX4
Configuration
TX EN
TX data rate
TX PE[2]
TX PE[1]
TX PE[0]
0x20
0xE8
TX5
Configuration
TX EN
TX data rate
TX PE[2]
TX PE[1]
TX PE[0]
0x20
0xF0
TX6
Configuration
TX EN
TX data rate
TX PE[2]
TX PE[1]
TX PE[0]
0x20
0xF8
TX7
Configuration
TX EN
TX data rate
TX PE[2]
TX PE[1]
TX PE[0]
0x20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com