Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN4600ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADN4600ACPZ-R7
Description  4.25 Gbps, 8 × 8, Asynchronous Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4600ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADN4600ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADN4600ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADN4600ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADN4600ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADN4600ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADN4600ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADN4600ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADN4600ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADN4600ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADN4600
Data Sheet
Rev. C | Page 14 of 28
Table 5. Common Input Voltage Levels
Configuration
VCC (V)
VTTI (V)
Low VTTI, AC-Coupled Input
1.8
1.6
Single 1.8 V Supply
1.8
1.8
3.3 V Core
3.3
1.8
Single 3.3 V Supply
3.3
3.3
Table 6. Receive Equalizer Boost vs. Setting
RX EQ Bit Settings
Boost (dB)
Typical FR4 Trace Length (Inches)
0
3.5
5 to 10
1
3.9
10 to 15
2
4.25
15 to 20
3
4.5
20 to 25
4
4.75
25 to 30
5
5.0
30 to 35
6
5.3
35 to 40
7
5.5
35 to 40
Table 7. Equalization Control Registers
Name
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
RX[7:0] Configuration
0xB8, 0xB0,
0xA8, 0xA0,
0x98, 0x90,
0x88, 0x80
RX PNSWAP
RX EQBY
RX EN
RX EQ[2]
RX EQ[1]
RX EQ[0]
0x30
RX[7:0] EQ1 Control
0xBB, 0xB3,
0xAB, 0xA3,
0x9B, 0x93,
0x8B, 0x83
EQ CTL SRC
RX EQ1[5]
RX EQ1[4]
RX EQ1[3]
RX EQ1[2]
RX EQ1[1]
RX EQ1[0]
0x00
RX[7:0] EQ3 Control
0xBC, 0xB4,
0xAC, 0xA4,
0x9C, 0x94,
0x8C, 0x84
RX EQ3[5]
RX EQ3[4]
RX EQ3[3]
RX EQ3[2]
RX EQ3[1]
RX EQ3[0]
0x00
RX[7:0] FR4 Control
0xBD, 0xB5,
0xAD, 0xA5,
0x9D, 0x95,
0x8D, 0x85
RX LUT
select
RX LUT
FR4/CX4
0x00
Lane Inversion
The receiver P/N inversion feature is a convenience intended to
allow the user to implement the equivalent of a board-level
crossover in a much smaller area and without additional via
impedance discontinuities that degrade the high-frequency
integrity of the signal path. The P/N inversion is independent
for each of the eight channels and is controlled through the I2C
control interface.
Warning
Using the lane inversion feature to account for signal inversions
downstream of the receiver requires additional attention when
switching connectivity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com