Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN4600ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADN4600ACPZ-R7
Description  4.25 Gbps, 8 × 8, Asynchronous Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4600ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADN4600ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADN4600ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADN4600ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADN4600ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADN4600ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADN4600ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADN4600ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADN4600ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADN4600ACPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
ADN4600
Data Sheet
Rev. C | Page 26 of 28
Table 17. Advanced Mode I2C Register Definitions
Addr
(Hex)
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
0x23
TxHeadroom
TxH_B3
TxH_B2
TxH_B1
TxH_B0
TxH_A3
TxH_A2
TxH_A1
TxH_A0
0x00
0x83
RX0 EQ1
Control
EQ CTL SRC
RX EQ1[5]
RX EQ1[4]
RX EQ1[3]
RX EQ1[2]
RX EQ1[1]
RX EQ1[0]
0x00
0x84
RX0 EQ3
Control
RX EQ3[5]
RX EQ3[4]
RX EQ3[3]
RX EQ3[2]
RX EQ3[1]
RX EQ3[0]
0x00
0x85
RX0 FR4
Control
RX LUT
select
RX LUT
FR4/CX4
0x00
0x8B
RX1 EQ1
Control
EQ CTL SRC
RX EQ1[5]
RX EQ1[4]
RX EQ1[3]
RX EQ1[2]
RX EQ1[1]
RX EQ1[0]
0x00
0x8C
RX1 EQ3
Control
RX EQ3[5]
RX EQ3[4]
RX EQ3[3]
RX EQ3[2]
RX EQ3[1]
RX EQ3[0]
0x00
0x8D
RX1 FR4
Control
RX LUT
select
RX LUT
FR4/CX4
0x00
0x93
RX2 EQ1
Control
EQ CTL SRC
RX EQ1[5]
RX EQ1[4]
RX EQ1[3]
RX EQ1[2]
RX EQ1[1]
RX EQ1[0]
0x00
0x94
RX2 EQ3
Control
RX EQ3[5]
RX EQ3[4]
RX EQ3[3]
RX EQ3[2]
RX EQ3[1]
RX EQ3[0]
0x00
0x95
RX2 FR4
Control
RX LUT
select
RX LUT
FR4/CX4
0x00
0x9B
RX3 EQ1
Control
EQ CTL SRC
RX EQ1[5]
RX EQ1[4]
RX EQ1[3]
RX EQ1[2]
RX EQ1[1]
RX EQ1[0]
0x00
0x9C
RX3 EQ3
Control
RX EQ3[5]
RX EQ3[4]
RX EQ3[3]
RX EQ3[2]
RX EQ3[1]
RX EQ3[0]
0x00
0x9D
RX3 FR4
Control
RX LUT
select
RX LUT
FR4/CX4
0x00
0xA3
RX4 EQ1
Control
EQ CTL SRC
RX EQ1[5]
RX EQ1[4]
RX EQ1[3]
RX EQ1[2]
RX EQ1[1]
RX EQ1[0]
0x00
0xA4
RX4 EQ3
Control
RX EQ3[5]
RX EQ3[4]
RX EQ3[3]
RX EQ3[2]
RX EQ3[1]
RX EQ3[0]
0x00
0xA5
RX4 FR4
Control
RX LUT
select
RX LUT
FR4/CX4
0x00
0xAB
RX5 EQ1
Control
EQ CTL SRC
RX EQ1[5]
RX EQ1[4]
RX EQ1[3]
RX EQ1[2]
RX EQ1[1]
RX EQ1[0]
0x00
0xAC
RX5 EQ3
Control
RX EQ3[5]
RX EQ3[4]
RX EQ3[3]
RX EQ3[2]
RX EQ3[1]
RX EQ3[0]
0x00
0xAD
RX5 FR4
Control
RX LUT
select
RX LUT
FR4/CX4
0x00
0xB3
RX6 EQ1
Control
EQ CTL SRC
RX EQ1[5]
RX EQ1[4]
RX EQ1[3]
RX EQ1[2]
RX EQ1[1]
RX EQ1[0]
0x00
0xB4
RX6 EQ3
Control
RX EQ3[5]
RX EQ3[4]
RX EQ3[3]
RX EQ3[2]
RX EQ3[1]
RX EQ3[0]
0x00
0xB5
RX6 FR4
Control
RX LUT
select
RX LUT
FR4/CX4
0x00
0xBB
RX7 EQ1
Control
EQ CTL SRC
RX EQ1[5]
RX EQ1[4]
RX EQ1[3]
RX EQ1[2]
RX EQ1[1]
RX EQ1[0]
0x00
0xBC
RX7 EQ3
Control
RX EQ3[5]
RX EQ3[4]
RX EQ3[3]
RX EQ3[2]
RX EQ3[1]
RX EQ3[0]
0x00
0xBD
RX7 FR4
Control
RX LUT
select
RX LUT
FR4/CX4
0x00
0xC1
TX0 Output
Level Control 1
TX0 CTL
SRC
TX0_OLEV1[6:0]
0x40
0xC2
TX0 Output
Level Control 0
TX0_OLEV0[6:0]
0x40
0xC3
TX0 Squelch
Control
SQUELCHb[3:0]
DISABLEb[3:0]
0xFF
0xC9
TX1 Output
Level Control 1
TX1 CTL
SRC
TX1_OLEV1[6:0]
0x40
0xCA
TX1 Output
Level Control 0
TX1_OLEV0[6:0]
0x40
0xCB
TX1 Squelch
Control
SQUELCHb[3:0]
DISABLEb[3:0]
0xFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com