Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN4600ACPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADN4600ACPZ-R7
Description  4.25 Gbps, 8 × 8, Asynchronous Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4600ACPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADN4600ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADN4600ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADN4600ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADN4600ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADN4600ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADN4600ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADN4600ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADN4600ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADN4600ACPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
ADN4600
Data Sheet
Rev. C | Page 28 of 28
OUTLINE DIMENSIONS
0.30
0.25
0.18
0.80
0.75
0.70
0.50
BSC
BOTTOM VIEW
TOP VIEW
6.30
6.20 SQ
6.10
0.05 MAX
0.02 NOM
0.203 REF
COPLANARITY
0.08
9.10
9.00 SQ
8.90
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.20 MIN
7.50 REF
COMPLIANT TO JEDEC STANDARDS MO-220-WMMD
1
64
16
17
49
48
32
33
0.45
0.40
0.35
EXPOSED
PAD
END VIEW
DETAIL A
(JEDEC 95)
P IN 1
IN D IC AT O R AR E A OP T IO N S
(SEE DETAIL A)
PIN 1
INDICATOR
AREA
SEATING
PLANE
Figure 33. 64-Lead Lead Frame Chip Scale Package [LFCSP]
9 mm × 9 mm Body and 0.75 mm Package Height
(CP-64-17)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADN4600ACPZ
−40°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP]
CP-64-17
ADN4600ACPZ-R7
−40oC to +85oC
64-Lead Lead Frame Chip Scale Package [LFCSP]
CP-64-17
ADN4600-EVALZ
Evaluation Board
1
Z = RoHS Compliant Part.
©2008–2021 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D07061-8/21(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com