Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN4604ASVZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADN4604ASVZ
Description  4.25 Gbps, 16 × 16, Digital Crosspoint Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4604ASVZ Datasheet(HTML) 5 Page - Analog Devices

  ADN4604ASVZ Datasheet HTML 1Page - Analog Devices ADN4604ASVZ Datasheet HTML 2Page - Analog Devices ADN4604ASVZ Datasheet HTML 3Page - Analog Devices ADN4604ASVZ Datasheet HTML 4Page - Analog Devices ADN4604ASVZ Datasheet HTML 5Page - Analog Devices ADN4604ASVZ Datasheet HTML 6Page - Analog Devices ADN4604ASVZ Datasheet HTML 7Page - Analog Devices ADN4604ASVZ Datasheet HTML 8Page - Analog Devices ADN4604ASVZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Data Sheet
ADN4604
Rev. A | Page 5 of 40
SPI TIMING SPECIFICATIONS
t1
t2
t3
t5
t6
t4
t8
t7
A7
CS
SCK
SDI
SDO
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
XX
X
X
X
X
XX
X
X
X
X
X
X
X
X
Figure 3. SPI Write Timing Diagram
t1
t2
t9
t3
t5
t6
t4
t7
t8
A7
CS
SCK
SDI
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
X
SDO
X
X
X
X
X
X
X
D7
D6
D5D4D3
D2
D1
D0
Figure 4. SPI Read Timing Diagram
Table 3. SPI Timing Specifications
Parameter
Symbol
Min
Max
Unit
SCK Clock Frequency
fSCK
0
10
MHz
CS to SCLK Setup Time
t1
10
ns
SCLK High Pulse Width
t2
40
ns
SCLK Low Pulse Width
t3
40
ns
Data Access Time After SCLK Falling Edge
t4
35
ns
Data Setup Time Prior to SCLK Rising Edge
t5
20
ns
Data Hold Time After SCLK Rising Edge
t6
10
ns
CS to SCLK Hold Time
t7
10
ns
CS to SDO High Impedance
t8
40
ns
CS High Pulse Width
t9
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com