Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN4604ASVZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADN4604ASVZ
Description  4.25 Gbps, 16 × 16, Digital Crosspoint Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4604ASVZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADN4604ASVZ Datasheet HTML 9Page - Analog Devices ADN4604ASVZ Datasheet HTML 10Page - Analog Devices ADN4604ASVZ Datasheet HTML 11Page - Analog Devices ADN4604ASVZ Datasheet HTML 12Page - Analog Devices ADN4604ASVZ Datasheet HTML 13Page - Analog Devices ADN4604ASVZ Datasheet HTML 14Page - Analog Devices ADN4604ASVZ Datasheet HTML 15Page - Analog Devices ADN4604ASVZ Datasheet HTML 16Page - Analog Devices ADN4604ASVZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Data Sheet
ADN4604
Rev. A | Page 13 of 40
0
20
40
60
80
100
0
1
2
3
4
5
DATA RATE (Gbps)
EQ = 12dB
EQ = 0dB
Figure 21. Deterministic Jitter vs. Data Rate
0
20
40
60
80
100
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.6
3.5
SUPPLY VOLTAGE (V)
EQ = 12dB
EQ = 0dB
Figure 22. Deterministic Jitter vs. Supply Voltage
0
20
40
60
80
100
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
EQ = 0dB
EQ = 12dB
Figure 23. Deterministic Jitter vs. Temperature
0
100
200
300
400
500
600
700
800
900
1000
0
1
2
3
4
5
DATA RATE (Gbps)
Figure 24. Eye Height vs. Data Rate
0
100
200
300
400
500
600
700
800
900
1000
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
SUPPLY VOLTAGE (V)
Figure 25. Eye Height vs. Supply Voltage
0
100
200
300
400
500
600
700
800
900
1000
–40
–15
10
35
60
85
TEMPERATURE (°C)
Figure 26. Eye Height vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com