Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN4604ASVZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADN4604ASVZ
Description  4.25 Gbps, 16 × 16, Digital Crosspoint Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4604ASVZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADN4604ASVZ Datasheet HTML 5Page - Analog Devices ADN4604ASVZ Datasheet HTML 6Page - Analog Devices ADN4604ASVZ Datasheet HTML 7Page - Analog Devices ADN4604ASVZ Datasheet HTML 8Page - Analog Devices ADN4604ASVZ Datasheet HTML 9Page - Analog Devices ADN4604ASVZ Datasheet HTML 10Page - Analog Devices ADN4604ASVZ Datasheet HTML 11Page - Analog Devices ADN4604ASVZ Datasheet HTML 12Page - Analog Devices ADN4604ASVZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Data Sheet
ADN4604
Rev. A | Page 9 of 40
Pin No.
Mnemonic
Type
Description
57, 69
VTTIE
Power
Input Termination Supply (East). These pins are normally tied to the VTTIW pins.
58
IP10
Input
High Speed Input.
59
IN10
Input
High Speed Input Complement.
61
IP11
Input
High Speed Input.
62
IN11
Input
High Speed Input Complement.
64
IP12
Input
High Speed Input.
65
IN12
Input
High Speed Input Complement.
67
IP13
Input
High Speed Input.
68
IN13
Input
High Speed Input Complement.
70
IP14
Input
High Speed Input.
71
IN14
Input
High Speed Input Complement.
73
IP15
Input
High Speed Input.
74
IN15
Input
High Speed Input Complement.
75
SDA/SDO
Control
I2C Data or SPI Data Output.
76
SCL/SCK
Control
I2C Clock or SPI Clock.
77
OP8
Output
High Speed Output.
78
ON8
Output
High Speed Output Complement.
80
OP9
Output
High Speed Output.
81
ON9
Output
High Speed Output Complement.
82, 94
VTTON
Power
Output Termination Supply (North). These pins are normally tied to
the VTTOS pins.
83
OP10
Output
High Speed Output.
84
ON10
Output
High Speed Output Complement.
86
OP11
Output
High Speed Output.
87
ON11
Output
High Speed Output Complement.
89
OP12
Output
High Speed Output.
90
ON12
Output
High Speed Output Complement.
92
OP13
Output
High Speed Output.
93
ON13
Output
High Speed Output Complement.
95
OP14
Output
High Speed Output.
96
ON14
Output
High Speed Output Complement.
98
OP15
Output
High Speed Output.
99
ON15
Output
High Speed Output Complement.
100
DVCC
Power
Digital Positive Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com