Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN4604ASVZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADN4604ASVZ
Description  4.25 Gbps, 16 × 16, Digital Crosspoint Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4604ASVZ Datasheet(HTML) 1 Page - Analog Devices

  ADN4604ASVZ Datasheet HTML 1Page - Analog Devices ADN4604ASVZ Datasheet HTML 2Page - Analog Devices ADN4604ASVZ Datasheet HTML 3Page - Analog Devices ADN4604ASVZ Datasheet HTML 4Page - Analog Devices ADN4604ASVZ Datasheet HTML 5Page - Analog Devices ADN4604ASVZ Datasheet HTML 6Page - Analog Devices ADN4604ASVZ Datasheet HTML 7Page - Analog Devices ADN4604ASVZ Datasheet HTML 8Page - Analog Devices ADN4604ASVZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
4.25 Gbps,
16 × 16, Digital Crosspoint Switch
Data Sheet
ADN4604
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2009–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
DC to 4.25 Gbps per port NRZ data rate
Programmable receive equalization
12 dB boost at 2 GHz
Compensates 40 inches of FR4 at 4.25 Gbps
Programmable transmit preemphasis/deemphasis
Up to 12 dB boost at 4.25 Gbps
Compensates 40 inches of FR4 at 4.25 Gbps
Low power: 130 mW per channel at 3.3 V (outputs enabled)
16 × 16, fully differential, nonblocking array
Double rank connection programming with dual
connection maps
Low jitter, typically 20 ps
Flexible I/O supply range
DC- or ac-coupled differential CML inputs
Programmable CML output levels
Per-lane input P/N pair inversion for routing ease
50 Ω on-chip I/O termination
Supports 8b/10b, scrambled or uncoded NRZ data
Serial (I2C slave or SPI) control interface
100-lead TQFP, Pb-free package
APPLICATIONS
Fiber optic network switching
High speed serial backplane routing to OC-48 with FEC
XAUI: 10GBASE-KX4
Gigabit Ethernet over backplane: 1000BASE-KX
1×, 2×, and 4× Fibre Channel
InfiniBand®
Digital video (HDMI, DVI, DisplayPort, 3G-/HD-/SD-SDI)
Data storage networks
FUNCTIONAL BLOCK DIAGRAM
EQ
RX
TX
PRE-
EMPHASIS
16 × 16
SWITCH
MATRIX
CONNECTION
MAP 0
CONNECTION
MAP 1
SERIAL
INTERFACE
CONTROL
LOGIC
PER-PORT
OUTPUT
LEVEL
SETTINGS
OUTPUT
LEVEL
HOOKUP
TABLE
ADN4604
VCC
VEE
DVCC
OP[15:0]
VTTON,
VTTOS
ON[15:0]
IP[15:0]
VTTIE,
VTTIW
IN[15:0]
I2C/SPI
ADDR1/SDI
SDA/SDO
SCL/SCK
RESET
UPDATE
ADDR0/CS
Figure 1.
GENERAL DESCRIPTION
The ADN4604 is a 16 × 16 asynchronous, protocol agnostic,
digital crosspoint switch, with 16 differential PECL-/CML-
compatible inputs and 16 differential CML outputs.
The ADN4604 is optimized for nonreturn-to-zero (NRZ) sig-
naling with data rates of up to 4.25 Gbps per port. Each port
offers a fixed level of input equalization and programmable
output swing and output preemphasis.
The ADN4604 nonblocking switch core implements a 16 × 16
crossbar and supports independent channel switching through
the serial control interface. The ADN4604 has low latency and
very low channel-to-channel skew.
An I2C® or SPI interface is used to control the device and pro-
vide access to advanced features, such as additional levels of
preemphasis and output disable.
The ADN4604 is packaged in a 100-lead TQFP package and
operates from −40°C to +85°C.


Similar Part No. - ADN4604ASVZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4604ASVZ AD-ADN4604ASVZ Datasheet
1Mb / 40P
4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
REV. 0
ADN4604ASVZ-RL AD-ADN4604ASVZ-RL Datasheet
1Mb / 40P
4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
REV. 0
More results

Similar Description - ADN4604ASVZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC018 NSC-CLC018 Datasheet
217Kb / 18P
8 x 8 Digital Crosspoint Switch, 1.4 Gbps
logo
Analog Devices
AD75019 AD-AD75019 Datasheet
72Kb / 4P
16 x 16 Crosspoint Switch Array
AD8150 AD-AD8150 Datasheet
995Kb / 35P
33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV.0
AD8156 AD-AD8156 Datasheet
537Kb / 20P
6.25 Gbps 4횞4 Digital Crosspoint Switch with EQ
5/07-Revision 0
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Analog Devices
ADN4600 AD-ADN4600 Datasheet
1Mb / 28P
4.25 Gbps, 8 횞 8, Asynchronous Crosspoint Switch
REV. 0
ADN4604 AD-ADN4604 Datasheet
1Mb / 40P
4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
REV. 0
ADV3226 AD-ADV3226 Datasheet
606Kb / 24P
750 MHz, 16 x 16 Analog Crosspoint Switch
REV. 0
AD75019JPZ AD-AD75019JPZ Datasheet
76Kb / 4P
16 3 16 Crosspoint Switch Array
REV. C
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com