Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1001AM Datasheet(PDF) 7 Page - Linear Technology

Part # LT1001AM
Description  Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1001AM Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1001AM Datasheet HTML 3Page - Linear Technology LT1001AM Datasheet HTML 4Page - Linear Technology LT1001AM Datasheet HTML 5Page - Linear Technology LT1001AM Datasheet HTML 6Page - Linear Technology LT1001AM Datasheet HTML 7Page - Linear Technology LT1001AM Datasheet HTML 8Page - Linear Technology LT1001AM Datasheet HTML 9Page - Linear Technology LT1001AM Datasheet HTML 10Page - Linear Technology LT1001AM Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1001
1001fb
0.1Hz to 10Hz Noise Test Circuit
Offset Voltage Adjustment
The input offset voltage of the LT1001, and its drift with
temperature, are permanently trimmed at wafer test to a
low level. However, if further adjustment of Vos is neces-
sary, nulling with a 10k or 20k potentiometer will not
degrade drift with temperature. Trimming to a value other
than zero creates a drift of (Vos/300)
µV/°C, e.g., if Vos is
LT1001
–
+
LT1001
100k
Ω
2k
Ω
100k
4.3k
110k
SCOPE
× 1
RIN = 1MΩ
0.1
µF
4.7
µF
24.3k
10
Ω
1001 F03
0.1
µF
22
µF
VOLTAGE GAIN = 50,000
2.2
µF
DEVICE
UNDER
TEST
(PEAK-TO-PEAK NOISE MEASURED IN 10 SEC INTERVAL)
Improved Sensitivity Adjustment
–15V
LT1001
+15V
2
3
7
6
OUTPUT
INPUT
1001 F02
4
8
7.5k
1k
7.5k
1
1001 F04
–
+
+
+–
+
2.2
µF
TANTALUM
INPUT
1k
30k
3.9k
30k
390
Ω
1.2k
0.5
Ω
0.5
Ω
470
Ω
300
Ω
1.8k
3.9k
300
Ω
*ADJUST FOR
BEST SQUARE WAVE
AT OUTPUT
FULL POWER
BANDWIDTH 8MHz
200
Ω*
200
Ω*
22
Ω
33
Ω
2N3866
2N5160
2N5160
2N3904
2N4440
2N3866
+15V
2N4440
OUTPUT
2N3904
2N3906
1N914
1N914
6
3
15pF
10k
RIN
1k
2
–15V
LT1001
0.01
µF
22
µF TANTALUM
22
µF TANTALUM
0.1
µF
0.1
µF
–15V
200pF
0.001
µF
0.01
µF
200pF
2N5486
15-60pF
TUSONIX # 519-3188
1k
Rf
DC Stabilized 1000v/
µsec Op Amp
adjusted to 300
µV, the change in drift will be 1 µV/°C. The
adjustment range with a 10k or 20k pot is approximately
±2.5mV.Iflessadjustmentrangeisneeded,thesensitivity
and resolution of the nulling can be improved by using a
smaller pot in conjunction with fixed resistors. The ex-
ample below has an approximate null range of
±100 µV.
APPLICATIONS INFORMATION
The device under test should be warmed up for three
minutes and shielded from air currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com