Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1001AM Datasheet(PDF) 4 Page - Linear Technology

Part # LT1001AM
Description  Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1001AM Datasheet(HTML) 4 Page - Linear Technology

  LT1001AM Datasheet HTML 1Page - Linear Technology LT1001AM Datasheet HTML 2Page - Linear Technology LT1001AM Datasheet HTML 3Page - Linear Technology LT1001AM Datasheet HTML 4Page - Linear Technology LT1001AM Datasheet HTML 5Page - Linear Technology LT1001AM Datasheet HTML 6Page - Linear Technology LT1001AM Datasheet HTML 7Page - Linear Technology LT1001AM Datasheet HTML 8Page - Linear Technology LT1001AM Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1001
1001fb
TYPICAL PERFORMANCE CHARACTERISTICS
TIME AFTER POWER ON (MINUTES)
0
4
3
2
1
4
1001 G03
1
2
3
5
VS = ±15V
TA = 25°C
METAL CAN (H) PACKAGE
DUAL-IN-LINE PACKAGE
PLASTIC (N) OR CERDIP (J)
Long Term Stability of Four
Representative Units
0.1Hz to 10Hz Noise
TIME (SECONDS)
0
8
1001 G04
2
4
6
10
TEMPERATURE (
°C)
–50
1.4
1.2
1.0
0.8
0.6
0.4
0.2
25
75
1001 G07
–25
0
50
100
125
VS = ±15V
BIAS CURRENT
OFFSET CURRENT
Input Bias and Offset Current
vs Temperature
±DIFFERENTIAL INPUT (V)
0.1
0
10
20
30
1.0
3.0
0.3
10
30
1001 G09
VS = ±15V
TA = 25°C
IB ≈ 1 nA to VDIFF = 0.7V
TIME (MONTHS)
0
4
1001 G06
1
2
3
5
10
5
0
–5
–10
COMMON MODE INPUT VOLTAGE
–15
1.5
1.0
0.5
0
–.5
–1.0
–1.5
–10
–5
0
5
1001 G08
10
15
VS = ±15V
TA = 25°C
DEVICE WITH POSITIVE INPUT CURRENT
DEVICE WITH NEGATIVE INPUT CURRENT
–
+
VCM
Ib
COMMON MODE
INPUT RESISTANCE =
= 280G
Ω
28V
0.1nA
FREQUENCY (Hz)
1
1
3
10
30
100
0.1
1.0
3
10
10
100
1000
1001 G05
TA = 25°C
VS = ±3 TO ±18V
VOLTAGE
CURRENT
1/f CORNER
70Hz
1/f CORNER
4Hz
0.3
Noise Spectrum
OFFSET VOLTAGE DRIFT (
µV/°C)
–1.0
100
80
60
40
20
+0.2
1001 G01
–0.6
–0.2 0
+0.6
+1.0
265 UNITS
TESTED
Input Bias Current
Over the Common Mode Range
Input Bias Current vs
Differential Input Voltage
TEMPERATURE (
°C)
–50
50
40
30
20
10
0
–10
–20
–30
–40
–50
0
50
75
1001 G02
–25
25
100
125
LT1001
LT1001A
LT1001A
LT1001
VS = ±15V
Warm-Up Drift
Offset Voltage Drift withTemperature
of Representative Units
Typical Distribution of Offset
Voltage Drift with Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com