Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1001AM Datasheet(PDF) 11 Page - Linear Technology

Part # LT1001AM
Description  Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1001AM Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1001AM Datasheet HTML 7Page - Linear Technology LT1001AM Datasheet HTML 8Page - Linear Technology LT1001AM Datasheet HTML 9Page - Linear Technology LT1001AM Datasheet HTML 10Page - Linear Technology LT1001AM Datasheet HTML 11Page - Linear Technology LT1001AM Datasheet HTML 12Page - Linear Technology LT1001AM Datasheet HTML 13Page - Linear Technology LT1001AM Datasheet HTML 14Page - Linear Technology LT1001AM Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1001
1001fb
Instrumentation Amplifier with
±300V
Common Mode Range and CMRR > 150dB
+
OUT
OUTPUT
1001 TA13
1
µF**
0.1
µF
0.1
µF
0.2
µF**
330k*
200
Ω
GAIN
TRIM
820
Ω
820
Ω
909
Ω*
10k
OUT
IN
INPUT
15V
IN
10k
1k
74C906
(ACQUIRE)
S1
S2
S3
S4
02
01
(READ)
12
2
3
6
2
3
2k*
2k*
R1
1k
5.6k*
6
C
EN
R
CLK
74C04
74C86
4022
–
+
–
+
LT1001
A
LM301A
1) ALL DIODES IN4148
2) S1–S4 OPTO MOS SWITCH OFM-1A, THETA-J CORP.
3) *FILM RESISTOR
4) **POLYPROPYLENE CAPACITORS
5) ADJUST R1 for 93 Hz AT TEST POINT
A
LM329
A FLYING CAPACITOR CHARGED BY CLOCKED
PHOTO DRIVEN FET SWITCHES CONVERTS A
DIFFERENTIAL SIGNAL AT A HIGH COMMON
MODE VOLTAGE TO A SINGLE ENDED SIGNAL
AT THE LT1001 OUTPUT.
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com