Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1001AM Datasheet(PDF) 2 Page - Linear Technology

Part # LT1001AM
Description  Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1001AM Datasheet(HTML) 2 Page - Linear Technology

  LT1001AM Datasheet HTML 1Page - Linear Technology LT1001AM Datasheet HTML 2Page - Linear Technology LT1001AM Datasheet HTML 3Page - Linear Technology LT1001AM Datasheet HTML 4Page - Linear Technology LT1001AM Datasheet HTML 5Page - Linear Technology LT1001AM Datasheet HTML 6Page - Linear Technology LT1001AM Datasheet HTML 7Page - Linear Technology LT1001AM Datasheet HTML 8Page - Linear Technology LT1001AM Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1001
1001fb
LT1001AM/883
LT1001AC
LT1001M/LT1001C
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
Note 2
LT1001AM/883
7
15
18
60
µV
LT1001AC
10
25
∆VOS
Long Term Input Offset Voltage
∆Time
Stability
Notes 3 and 4
0.2
1.0
0.3
1.5
µV/month
IOS
Input Offset Current
0.3
2.0
0.4
3.8
nA
Ib
Input Bias Current
±0.5
±2.0
±0.7
±4.0
nA
en
Input Noise Voltage
0.1Hz to 10Hz (Note 3)
0.3
0.6
0.3
0.6
µVp-p
en
Input Noise Voltage Density
fO = 10Hz (Note 6)
10.3
18.0
10.5
18.0
nV
√Hz
fO = 1000Hz (Note 3)
9.6
11.0
9.8
11.0
nV
√Hz
AVOL
Large Signal Voltage Gain
RL ≥ 2kΩ, VO = ±12V
450
800
400
800
V/mV
RL ≥ 1kΩ VO = ±10V
300
500
250
500
V/mV
CMRR
Common Mode Rejection Ratio
VCM = ±13V
114
126
110
126
dB
PSRR
Power Supply Rejection Ratio
VS = ±3V to ±18V
110
123
106
123
dB
Rin
Input Resistance Differential Mode
30
100
15
80
M
Ω
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ......................................................
±22V
Differential Input Voltage ......................................
±30V
Input Voltage ........................................................
±22V
Output Short Circuit Duration ......................... Indefinite
ORDER
PART NUMBER
LT1001AMH/883
LT1001MH
LT1001ACH
LT1001CH
PACKAGE/ORDER INFORMATION
LT1001ACN8
LT1001CN8
LT1001CS8
S8 PART MARKING
1001
ELECTRICAL CHARACTERISTICS
TOP VIEW
OFFSET ADJUST
V+
–IN
OUT
NC
–
+
+IN
V– (CASE)
8
7
6
5
3
2
1
4
H PACKAGE METAL CAN
1
2
3
4
8
7
6
5
TOP VIEW
V+
OUT
NC
–IN
+IN
V–
–
+
VOS
TRIM
VOS
TRIM
S8 PACKAGE
8 PIN PLASTIC SO
N8 PACKAGE
8 PIN PLASTIC DIP
(Note 1)
J8 PACKAGE
8 PIN HERMETIC DIP
LT1001AMJ8/883
LT1001MJ8
LT1001ACJ8
LT1001CJ8
ORDER
PART NUMBER
ORDER
PART NUMBER
OBSOLETE PACKAGE
OBSOLETE PACKAGE
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = ±15V, unless otherwise noted
TJMAX = 150°C, θJA = 150°C/W, θjc = 45°C/W
TJMAX = 150°C, θJA = 130°C/W (N)
TJMAX = 150°C, θJA = 150°C/W (S)
TJMAX = 150°C, θJA = 100°C/W (J)
Operating Temperature Range
LT1001AM/LT1001M (OBSOLETE) .. –55
°C to 150°C
LT1001AC/LT1001C .............................. 0
°C to 125°C
Storage: All Devices.......................... – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec.)................. 300
°C
Consider the N8 and S8 Packages for Alternate Source
Consider the N8 and S8 Packages for Alternate Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com