Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC485 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC485
Description  Low Power RS485 Interface Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC485 Datasheet(HTML) 1 Page - Linear Technology

  LTC485 Datasheet HTML 1Page - Linear Technology LTC485 Datasheet HTML 2Page - Linear Technology LTC485 Datasheet HTML 3Page - Linear Technology LTC485 Datasheet HTML 4Page - Linear Technology LTC485 Datasheet HTML 5Page - Linear Technology LTC485 Datasheet HTML 6Page - Linear Technology LTC485 Datasheet HTML 7Page - Linear Technology LTC485 Datasheet HTML 8Page - Linear Technology LTC485 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC485
sn 485LTC485ffs
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
Low Power RS485
Interface Transceiver
The LTC
®485 is a low power differential bus/line trans-
ceiver designed for multipoint data transmission standard
RS485 applications with extended common mode range
(12V to – 7V). It also meets the requirements of RS422.
The CMOS design offers significant power savings over its
bipolar counterpart without sacrificing ruggedness against
overload of ESD damage.
The driver and receiver feature three-state outputs, with
the driver outputs maintaining high impedance over the
entire common mode range. Excessive power dissipation
caused by bus contention or faults is prevented by a
thermal shutdown circuit which forces the driver outputs
into a high impedance state.
The receiver has a fail-safe feature which guarantees a
high output state when the inputs are left open.
The LTC485 is fully specified over the commercial and
extended industrial temperature range.
■
Low Power: ICC = 300µA Typ
■ Designed for RS485 Interface Applications
■ Single 5V supply
■
– 7V to 12V Bus Common Mode Range Permits
±7V Ground Difference Between Devices on the Bus
■ Thermal Shutdown Protection
■
Power-Up/Down Glitch-Free Driver Outputs
Permit Live Insertion or Removal of Transceiver
■ Driver Maintains High Impedance in Three-State
or with the Power Off
■ Combined Impedance of a Driver Output and
Receiver Allows Up to 32 Transceivers on the Bus
■
70mV Typical Input Hysteresis
■ 30ns Typical Driver Propagation Delays
with 5ns Skew
■
Pin Compatible with
±60V Protected LT1785 and
52Mbps LTC1685
■ Low Power RS485/RS422 Transceiver
■ Level Translator
VCC1
GND1
R
RO1
RE1
DE1
DI1
D
VCC2
GND2
R
RO2
RE2
DE2
DI2
D
Rt
Rt
LTC485 • TA01
Driver Outputs
A
B
LTC485 • TA02
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LTC485

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC485 LINER-LTC485 Datasheet
327Kb / 12P
Low Power RS485 Interface Transceiver
LTC485 LINER-LTC485 Datasheet
340Kb / 18P
20Mbps RS485 Transceivers
LTC485 LINER-LTC485 Datasheet
308Kb / 14P
Low Power RS485 Interface Transceiver
LTC485C LINER-LTC485C Datasheet
327Kb / 12P
Low Power RS485 Interface Transceiver
LTC485CJ8 LINER-LTC485CJ8 Datasheet
327Kb / 12P
Low Power RS485 Interface Transceiver
More results

Similar Description - LTC485

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1480 LINER-LTC1480 Datasheet
231Kb / 8P
3.3V Ultra-Low Power RS485 Transceiver
LTC1481 LINER-LTC1481 Datasheet
219Kb / 8P
Ultra-Low Power RS485 Transceiver with Shutdown
LTC1483 LINER-LTC1483 Datasheet
243Kb / 8P
Ultra-Low Power RS485 Low EMI Transceiver with Shutdown
LTC1484 LINER-LTC1484 Datasheet
274Kb / 16P
Low Power RS485 Transceiver with Receiver Fail-Safe
LTC485 LINER-LTC485 Datasheet
327Kb / 12P
Low Power RS485 Interface Transceiver
LTC485IS8 LINER-LTC485IS8 Datasheet
294Kb / 14P
Low Power RS485 Interface Transceiver
LTC485 LINER-LTC485_15 Datasheet
308Kb / 14P
Low Power RS485 Interface Transceiver
LTC1483 LINER-LTC1483_15 Datasheet
197Kb / 8P
Ultra-Low Power RS485 Low EMI Transceiver with Shutdown
LTC1484 LINER-LTC1484_15 Datasheet
235Kb / 16P
Low Power RS485 Transceiver with Receiver Fail-Safe
logo
Aeroflex Circuit Techno...
DRS4485 AEROFLEX-DRS4485 Datasheet
777Kb / 8P
DRS4485 Dual RS485 Interface Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com