Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC485 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC485
Description  Low Power RS485 Interface Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC485 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC485 Datasheet HTML 2Page - Linear Technology LTC485 Datasheet HTML 3Page - Linear Technology LTC485 Datasheet HTML 4Page - Linear Technology LTC485 Datasheet HTML 5Page - Linear Technology LTC485 Datasheet HTML 6Page - Linear Technology LTC485 Datasheet HTML 7Page - Linear Technology LTC485 Datasheet HTML 8Page - Linear Technology LTC485 Datasheet HTML 9Page - Linear Technology LTC485 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC485
sn485 LTC485ffs
1.5V
tPHL
f = 1MHz, tr ≤ 10ns, tf ≤ 10ns
R
–VOD2
A, B
0V
1.5V
tPLH
OUTPUT
INPUT
VOD2
VOL
VOH
LTC485 • F07
Figure 7. Receiver Propagation Delays
Figure 8. Receiver Enable and Disable Times
1.5V
tZL
1.5V
1.5V
tZH
1.5V
tLZ
0.5V
0.5V
tHZ
f = 1MHz, tr ≤ 10ns, tf ≤ 10ns
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
3V
0V
RE
5V
0V
R
R
LTC485 • F08
LTC485 Transmitting
INPUTS
OUTPUTS
RE
DE
DI
B
A
X
1
1
No Fault
0
1
X
1
0
No Fault
1
0
X0X
X
Z
Z
X
1
X
Fault
Z
Z
LINE
CONDITION
LTC485 Receiving
INPUTS
OUTPUTS
RE
DE
A – B
R
00
≥0.2V
1
00
≤–0.2V
0
0
0
Inputs Open
1
10
X
Z
FU CTIO TABLES
SWITCHI G TI E WAVEFOR S
1.5V
tZL
2.3V
2.3V
tZH
1.5V
tLZ
0.5V
0.5V
tHZ
f = 1MHz, tr ≤ 10ns, tf ≤ 10ns
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
3V
0V
DI
5V
VOL
VOH
0V
A, B
A, B
LTC485 • F06
Figure 6. Driver Enable and Disable Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com