Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC485 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC485
Description  Low Power RS485 Interface Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC485 Datasheet(HTML) 3 Page - Linear Technology

  LTC485 Datasheet HTML 1Page - Linear Technology LTC485 Datasheet HTML 2Page - Linear Technology LTC485 Datasheet HTML 3Page - Linear Technology LTC485 Datasheet HTML 4Page - Linear Technology LTC485 Datasheet HTML 5Page - Linear Technology LTC485 Datasheet HTML 6Page - Linear Technology LTC485 Datasheet HTML 7Page - Linear Technology LTC485 Datasheet HTML 8Page - Linear Technology LTC485 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC485
sn 485LTC485ffs
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.VCC = 5V ±5%, unless otherwise noted. (Notes 2 and 3)
Note 1: Absolute maximum ratings are those beyond which the safety of
the device cannot be guaranteed.
Note 2: All currents into device pins are positive; all currents out ot device
pins are negative. All voltages are referenced to device ground unless
otherwise specified.
Note 3: All typicals are given for VCC = 5V and TA = 25°C.
Note 4: The LTC485 is guaranteed by design to be functional over a supply
voltage range of 5V
±10%. Data sheet parameters are guaranteed over the
tested supply voltage range of 5V
±5%.
TYPICAL PERFOR A CE CHARACTERISTICS
Receiver Output High Voltage
vs Output Current
Receiver Output Low Voltage
vs Output Current
OUTPUT VOLTAGE (V)
0
0
4
12
16
20
1.0
36
LTC485 • TPC01
8
0.5
2.0
24
28
32
1.5
TA = 25°C
OUTPUT VOLTAGE (V)
5
0
–2
–6
–8
–10
3
–18
LTC485 • TPC02
–4
4
–12
–14
–16
2
TA = 25°C
TEMPERATURE (°C)
–50
3.0
3.2
3.6
3.8
4.0
75
4.8
LTC485 • TPC03
3.4
0
125
4.2
4.4
4.6
–25
25
50
100
I = 8mA
Receiver Output High Voltage
vs Temperature
SWITCHI G CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ICC
Supply Current
No Load, Pins 2,
Outputs Enabled
●
500
900
µA
3, 4 = 0V or 5V
Outputs Disabled
●
300
500
µA
IOSD1
Driver Short-Circuit Current, VOUT = HIGH
VO = – 7V
●
35
100
250
mA
IOSD2
Driver Short-Circuit Current, VOUT = LOW
VO = 10V
●
35
100
250
mA
IOSR
Receiver Short-Circuit Current
0V
≤ VO ≤ VCC
●
785
mA
tPLH
Driver Input to Output
RDIFF = 54Ω, CL1 = CL2 = 100pF,
●
10
30
50
ns
tPHL
Driver Input to Output
(Figures 3 and 5)
●
10
30
50
ns
tSKEW
Driver Output to Output
●
510
ns
tr, tf
Driver Rise or Fall Time
●
315
25
ns
tZH
Driver Enable to Output High
CL = 100pF (Figures 4 and 6) S2 Closed
●
40
70
ns
tZL
Driver Enable to Output Low
CL = 100pF (Figures 4 and 6) S1 Closed
●
40
70
ns
tLZ
Driver Disable Time from Low
CL = 15pF (Figures 4 and 6) S1 Closed
●
40
70
ns
tHZ
Driver Disable Time from High
CL = 15pF (Figures 4 and 6) S2 Closed
●
40
70
ns
tPLH
Receiver Input to Output
RDIFF = 54Ω, CL1 = CL2 = 100pF,
●
30
90
200
ns
tPHL
(Figures 3 and 7)
●
30
90
200
ns
tSKD
⏐tPLH – tPHL⏐ Differential Receiver Skew
●
13
ns
tZL
Receiver Enable to Output Low
CRL = 15pF (Figures 2 and 8) S1 Closed
●
20
50
ns
tZH
Receiver Enable to Output High
CRL = 15pF (Figures 2 and 8) S2 Closed
●
20
50
ns
tLZ
Receiver Disable from Low
CRL = 15pF (Figures 2 and 8) S1 Closed
●
20
50
ns
tHZ
Receiver Disable from High
CRL = 15pF (Figures 2 and 8) S2 Closed
●
20
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com