Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC485 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC485
Description  Low Power RS485 Interface Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC485 Datasheet(HTML) 2 Page - Linear Technology

  LTC485 Datasheet HTML 1Page - Linear Technology LTC485 Datasheet HTML 2Page - Linear Technology LTC485 Datasheet HTML 3Page - Linear Technology LTC485 Datasheet HTML 4Page - Linear Technology LTC485 Datasheet HTML 5Page - Linear Technology LTC485 Datasheet HTML 6Page - Linear Technology LTC485 Datasheet HTML 7Page - Linear Technology LTC485 Datasheet HTML 8Page - Linear Technology LTC485 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC485
sn485 LTC485ffs
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V ±5%, unless otherwise noted. (Notes 2 and 3)
A
G
A
U
A
R
BSOLUTEXI
TI
S
(Note 1)
Supply Voltage ....................................................... 12V
Control Input Voltages ................... – 0.5V to VCC + 0.5V
Driver Input Voltage ....................... – 0.5V to VCC + 0.5V
Driver Output Voltage ...........................................
±14V
Receiver Input Voltage ..........................................
±14V
Receiver Output Voltages .............. – 0.5V to VCC + 0.5V
Operating Temperature Range
LTC485I ...................................... – 40
°C ≤ TA ≤ 85°C
LTC485C ......................................... 0
°C ≤ TA ≤ 70°C
LTC485M (OBSOLETE) .......... –55
°C ≤ TA ≤ 125°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
S8 PART MARKING
LTC485CN8
LTC485CS8
LTC485IN8
LTC485IS8
485
485I
TJMAX = 125°C, θJA = 100°C/ W (N)
TJMAX = 150°C, θJA = 150°C/ W (S)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOD1
Differential Driver Output Voltage (Unloaded)
IO = 0
●
5V
VOD2
Differential Driver Output Voltage (with Load)
R = 50
Ω (RS422)
●
2V
R = 27
Ω (RS485), Figure 1
●
1.5
5
V
∆VOD
Change in Magnitude of Driver Differential
R = 27
Ω or R = 50Ω, Figure 1
●
0.2
V
Output Voltage for Complementary States
VOC
Driver Common Mode Output Voltage
R = 27
Ω or R = 50Ω, Figure 1
●
3V
∆⏐VOC⏐
Change in Magnitude of Driver Common-Mode
R = 27
Ω or R = 50Ω, Figure 1
●
0.2
V
Output Voltage for Complementary States
VIH
Input High Voltage
DE, DI, RE
●
2V
VIL
Input Low Voltage
DE, DI, RE
●
0.8
V
IIN1
Input Current
DE, DI, RE
●
±2
µA
IIN2
Input Current (A, B)
DE = 0, VCC = 0V VIN = 12V
●
±1mA
or 5.25V
VIN = – 7V
●
– 0.8
mA
VTH
Differential Input Threshold Voltage
– 7V
≤ VCM ≤ 12V
●
– 0.2
0.2
V
for Receiver
∆VTH
Receiver Input Hysteresis
VCM = 0V
●
70
mV
VOH
Receiver Output High Voltage
IO = – 4mA, VID = 200mV
●
3.5
V
VOL
Receiver Output Low Voltage
IO = 4mA, VID = – 200mV
●
0.4
V
IOZR
Three-State (High Impedance) Output
VCC = Max, 0.4V ≤ VO ≤ 2.4V
●
±1
µA
Current at Receiver
RIN
Receiver Input Resistance
– 7V
≤ VCM ≤ 12V
●
12
k
Ω
ELECTRICAL C
C
HARA TERISTICS
ORDER PART
NUMBER
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC485CJ8
LTC485MJ8
J8 PACKAGE
8-LEAD CERAMIC DIP
N8 PACKAGE
8-LEAD PLASTIC DIP
1
2
3
4
8
7
6
5
TOP VIEW
VCC
B
A
GND
S8 PACKAGE
8-LEAD PLASTIC SOIC
R
D
RO
RE
DE
DI
TJMAX = 155°C, θJA = 100°C/ W (J)
OBSOLETE PACKAGE
Consider the N8 Package for Alternate Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com