Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1020CSW Datasheet(PDF) 16 Page - Linear Technology

Part # LT1020CSW
Description  Micropower Regulator and Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1020CSW Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1020CSW Datasheet HTML 8Page - Linear Technology LT1020CSW Datasheet HTML 9Page - Linear Technology LT1020CSW Datasheet HTML 10Page - Linear Technology LT1020CSW Datasheet HTML 11Page - Linear Technology LT1020CSW Datasheet HTML 12Page - Linear Technology LT1020CSW Datasheet HTML 13Page - Linear Technology LT1020CSW Datasheet HTML 14Page - Linear Technology LT1020CSW Datasheet HTML 15Page - Linear Technology LT1020CSW Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1020
sn1020 1020fcs
©LINEAR TECHNOLOGY CORPORATION 1993
LT/TP 0203 1K REV C • PRINTED IN USA
PACKAGE DESCRIPTIO
SW Package
16-Lead Plastic Small Outline (Wide .300 Inch)
(Reference LTC DWG # 05-08-1620)
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
S16 (WIDE) 0502
NOTE 3
.398 – .413
(10.109 – 10.490)
NOTE 4
16
15
14
13
12
11
10
9
1
N
23
4
5
6
78
N/2
.394 – .419
(10.007 – 10.643)
.037 – .045
(0.940 – 1.143)
.004 – .012
(0.102 – 0.305)
.093 – .104
(2.362 – 2.642)
.050
(1.270)
BSC
.014 – .019
(0.356 – 0.482)
TYP
0
° – 8° TYP
NOTE 3
.009 – .013
(0.229 – 0.330)
.005
(0.127)
RAD MIN
.016 – .050
(0.406 – 1.270)
.291 – .299
(7.391 – 7.595)
NOTE 4
× 45°
.010 – .029
(0.254 – 0.737)
INCHES
(MILLIMETERS)
NOTE:
1. DIMENSIONS IN
2. DRAWING NOT TO SCALE
3. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS.
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS
4. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .006" (0.15mm)
.420
MIN
.325
±.005
RECOMMENDED SOLDER PAD LAYOUT
.045
±.005
N
12
3
N/2
.050 BSC
.030
±.005
TYP
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1120/LT1120A
125mA, Micropower Regulator and Comparators
VIN: 4.5V to 36V; VOUT(MIN): 2.50V, Dropout Voltage (V at IOUT): 0.40V;
IQ (Supply): 40µA; VOUT (V): Adj; ISD: 10µA; S8, N8; Comparator and
Reference, Logic Shutdown, Ref Sources and Sinks 2/4mA
LT1121/LT1121HV 150mA, Micropower, LDO
VIN: 4.2V to 30/36V; VOUT(MIN): 3.75V, Dropout Voltage (V at IOUT): 0.42V;
IQ (Supply): 30µA; VOUT (V): Adj, 3.3, 5; ISD: 16µA; SOT-223, S8, Z;
Reverse-Battery Protection
LT1129
700mA, Micropower, LDO
VIN: 4.2V to 30V; VOUT(MIN): 3.75V, Dropout Voltage (V at IOUT): 0.40V;
IQ (Supply): 50µA; VOUT (V): Adj, 3.3, 5; ISD: 16µA; DD, SOT-223, S8,
TO220-5, TSSOP20
LT1616
25V, 500mA (IOUT), 1.4MHz, High Efficiency
VIN: 3.6V to 25V, VOUT(MIN): 1.25V, IQ: 1.9mA, ISD: <1µA, ThinSOT
Step-Down DC/DC Converter
LT1676
60V, 440mA (IOUT), 100kHz, High Efficiency
VIN: 7.4V to 60V, VOUT(MIN): 1.24V, IQ: 3.2mA, ISD: 2.5µA, S8
Step-Down DC/DC Converter
LT1761
100mA, Low Noise Micropower, LDO
VIN: 1.8V to 20V; VOUT(MIN): 1.22V, Dropout Voltage (V at IOUT): 0.30V;
IQ (Supply): 20µA; VOUT (V): Adj, 1.5, 1.8, 2, 2.5, 2.8, 3, 3.5, 5; ISD: <1µA;
ThinSOT; Low Noise < 20
µVRMSP-P, Stable with 1µF Ceramic Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com