Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1020CSW Datasheet(PDF) 5 Page - Linear Technology

Part # LT1020CSW
Description  Micropower Regulator and Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1020CSW Datasheet(HTML) 5 Page - Linear Technology

  LT1020CSW Datasheet HTML 1Page - Linear Technology LT1020CSW Datasheet HTML 2Page - Linear Technology LT1020CSW Datasheet HTML 3Page - Linear Technology LT1020CSW Datasheet HTML 4Page - Linear Technology LT1020CSW Datasheet HTML 5Page - Linear Technology LT1020CSW Datasheet HTML 6Page - Linear Technology LT1020CSW Datasheet HTML 7Page - Linear Technology LT1020CSW Datasheet HTML 8Page - Linear Technology LT1020CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1020
sn1020 1020fcs
RIPPLE FREQUENCY (Hz)
10
70
65
60
55
50
45
40
35
30
100
1k
1020 G10
10k
100k
IOUT = 100mA
IOUT = 10mA
IOUT = 1mA
VIN = 100VDC, 1VP-P
VOUT = 5V
COUT = 10µF
Regulator Ripple Rejection
REGULATOR INPUT/OUTPUT DIFFERENTIAL (V)
1
10
1
0.1
0.01
5
1020 G11
IOUT = 100mA
10
15
20
25
IOUT = 1mA
IOUT = 10mA
VOUT = 5V
TJ = –55°C TO 125°C
Supply Current
REGULATOR OUTPUT CURRENT (mA)
0.1
40
35
30
25
20
15
10
5
0
110
1020 G15
100
1000
TJ = 125°C
TJ = 25°C
TJ = –55°C
Supply Current at Dropout
Feedback Pin Current
Comparator Input Bias Current
COMMON MODE VOLTAGE (V)
REFERRED TO PIN 9 (GND)
–1.0
100
90
80
70
60
50
40
30
20
10
0
0.6
1020 G14
–0.6
–0.2
0.2
1.0
TJ = 125°C
GND
TJ = 25°C
TJ = –55°C
Reference Regulation
REGULATOR INPUT/OUTPUT DIFFERENTIAL (V)
0
1000
100
10
1
0.1
1020 G08
IOUT = 100mA
0.2
0.3
0.4
0.6
0.5
IOUT = 25mA
IOUT = 1mA
IOUT = 5mA
REGULATOR OUTPUT CURRENT (mA)
0.1
1
10
100
10
1000
1020 G07
0.01
100
VDIFF = 500mV
VDIFF = 1V
Dropout Detector Current
Dropout Detector Current
TEMPERATURE (
°C)
90
1
10
100
110
130
1020 G09
70
150
80
100
120
140
Regulator Minimum Load Current
REGULATOR INPUT/OUTPUT DIFFERENTIAL (V)
0
10
1
0.1
0.01
0.1
1020 G12
IOUT = 100mA
0.2
0.3
0.4
0.6
0.5
IOUT = 10mA
IOUT = 1mA
TJ = –55°C TO 125°C
REFERENCE OUTPUT CURRENT (mA)
–1.5
–1.0
0
1.0
1.5
1020 G13
4
3
2
1
0
–1
–2
–3
–4
–0.5
0.5
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com