Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1020CSW Datasheet(PDF) 3 Page - Linear Technology

Part # LT1020CSW
Description  Micropower Regulator and Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1020CSW Datasheet(HTML) 3 Page - Linear Technology

  LT1020CSW Datasheet HTML 1Page - Linear Technology LT1020CSW Datasheet HTML 2Page - Linear Technology LT1020CSW Datasheet HTML 3Page - Linear Technology LT1020CSW Datasheet HTML 4Page - Linear Technology LT1020CSW Datasheet HTML 5Page - Linear Technology LT1020CSW Datasheet HTML 6Page - Linear Technology LT1020CSW Datasheet HTML 7Page - Linear Technology LT1020CSW Datasheet HTML 8Page - Linear Technology LT1020CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1020
sn1020 1020fcs
TJ = 25°C
ELECTRICAL C
C
HARA TERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Regulator
Feedback Sense Voltage
VIN = 12V
2.44
2.5
2.56
V
Dropout Detector Current
∆VOUT = –0.05V, IOUT = 500µA3
20
µA
Feedback Bias Current
15
40
nA
Minimum Load Current
VIN = 36V
1
5
µA
Short-Circuit Current
VIN = 36V
300
400
mA
Pins 9 and 10 Shorted, VIN = 4.5V
3
30
mA
Comparator
Offset Voltage
0V
≤ VCM ≤ 35V, VIN = 36V
3
7
mV
Bias Current
0V
≤ VCM ≤ 35V, VIN = 36V
15
40
nA
Offset Current
0V
≤ VCM ≤ 35V, VIN = 36V
4
15
nA
Gain-NPN Pull-Down
∆VOUT = 29V, RL = 20k
2000
10000
V/ V
Common Mode Rejection
0V
≤ VCM ≤ 35V, VIN = 36V
80
94
dB
Power Supply Rejection
4.5V
≤ VS ≤ 36V
80
96
dB
Output Sink Current
VIN = 4.5V
10
18
mA
NPN Saturation Voltage
IOUT = 1mA
0.4
0.6
V
Output Source Current
60
200
µA
Input Voltage Range
0VIN – 1
V
Response Time
5
µs
Leakage Current (NPN)
2
µA
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TJ = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference
Reference Voltage
4.5V
≤ VIN ≤ 36V
q
2.40
2.50
2.55
V
Line Regulation
4.5V
≤ VIN ≤ 36V
q
0.01
0.02
%/V
Load Regulation
– 0.5mA
≤ IREF ≤ 1mA, VIN = 12V
q
0.3
0.4
%
Output Source Current
VIN = 5V
q
1mA
Output Sink Current
VIN = 5V
q
0.5
mA
Regulator
Supply Current
VIN = 6V, IOUT ≤ 100µA
q
65
95
µA
VIN = 36V, IOUT ≤ 100µA
q
85
120
µA
VIN = 12V, IOUT = 125mA
q
11
20
mA
Output Current
(VIN – VOUT) ≥ 1V, VIN ≥ 6V
q
125
mA
Load Regulation
(VIN – VOUT) ≥ 1V, VIN ≥ 6V
q
1%
Line Regulation
6V
≤ VIN ≤ 36V
q
0.02
%/ V
Dropout Voltage
IOUT = 100µA
q
0.06
V
IOUT = 125mA
q
0.85
V
Feedback Sense Voltage
VIN = 12V
q
2.38
2.5
2.57
V
Dropout Detector Current
∆VOUT = –0.05V, IOUT = 500µA
q
3
µA
Feedback Bias Current
q
50
nA
Minimum Load Current
VIN = 36V
q
50
µA
Short-Circuit Current
VIN = 36V
q
300
400
mA
Pins 9 and 10 Shorted, VIN = 4.5V
q
2.5
30
mA
Comparator
Offset Voltage
0V
≤ VCM ≤ 35V, VIN = 36V
q
10
mV
Bias Current
0V
≤ VCM ≤ 35V, VIN = 36V (Note 2)
q
15
60
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com