Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1020CSW Datasheet(PDF) 4 Page - Linear Technology

Part # LT1020CSW
Description  Micropower Regulator and Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1020CSW Datasheet(HTML) 4 Page - Linear Technology

  LT1020CSW Datasheet HTML 1Page - Linear Technology LT1020CSW Datasheet HTML 2Page - Linear Technology LT1020CSW Datasheet HTML 3Page - Linear Technology LT1020CSW Datasheet HTML 4Page - Linear Technology LT1020CSW Datasheet HTML 5Page - Linear Technology LT1020CSW Datasheet HTML 6Page - Linear Technology LT1020CSW Datasheet HTML 7Page - Linear Technology LT1020CSW Datasheet HTML 8Page - Linear Technology LT1020CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1020
sn1020 1020fcs
OUTPUT CURRENT (mA)
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
0.1
10
100
1000
1020 G01
1
TJ = –55°C
TJ = 25°C
TJ = 125°C
PRELOAD = 100
µA
Regulator Short-Circuit Current
TEMPERATURE (
°C)
–50
350
300
250
200
150
100
50
0
1020 G03
30
150
–10
70
110
CURRENT LIMIT TIED TO GROUND
Regulator Load Regulation
Dropout Voltage
Dropout Voltage
REGULATOR OUTPUT CURRENT (mA)
0.1
0.01
0.1
1
1
10
100
1020 G06
I DROPOUT DETECTOR = 0.1% IOUT
I DROPOUT DETECTOR = 1% IOUT
Dropout Voltage
REGULATOR OUTPUT CURRENT (mA)
100
10
1
0.1
0.01
0.1
10
100
1000
1020 G02
1
TJ = –55°C TO 125°C
Supply Current
REGULATOR OUTPUT CURRENT (mA)
0.1
0.01
0.1
1
10
1000
1020 G04
1
100
∆VOUT = 100mV
REGULATOR OUTPUT CURRENT (mA)
0.1
0.01
0.1
1
10
1000
1020 G05
1
100
DROPOUT DETECTOR = 5
µA
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Comparator
Offset Current
0V
≤ VCM ≤ 35V, VIN = 36V
q
20
nA
Gain-NPN Pull-Down
∆VOUT = 29V, RL = 20k
q
1000
V/ V
Common Mode Rejection
0V
≤ VCM ≤ 35V, VIN = 36V
q
80
dB
Power Supply Rejection
4.5V
≤ VIN ≤ 36V
q
80
dB
Output Sink Current
VIN = 4.5V (Note 3)
q
510
mA
Output Source Current
q
40
120
µA
Input Voltage Range
q
0VIN – 1
V
Leakage Current (NPN)
VIN = 36V
q
8
µA
TYPICAL PERFOR A CE CHARACTERISTICS
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: For 0V
≤ VCM ≤ 0.1V and T > 85°C IBIAS(MAX) is 100nA.
Note 3: For TA ≤ –40°C output ISINK(MIN) is 2.5mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com