Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP07 Datasheet(PDF) 3 Page - Silicon Storage Technology, Inc

Part # SST12LP07
Description  2.4 GHz High-Power, High-Gain Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP07 Datasheet(HTML) 3 Page - Silicon Storage Technology, Inc

  SST12LP07 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST12LP07 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST12LP07 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST12LP07 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST12LP07 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST12LP07 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST12LP07 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST12LP07 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST12LP07 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Preliminary Specifications
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP07
3
©2006 Silicon Storage Technology, Inc.
S71321-00-000
5/06
PIN ASSIGNMENTS
FIGURE 2: Pin Assignments for 16-contact VQFN
PIN DESCRIPTIONS
TABLE
1: Pin Description
Symbol
Pin No.
Pin Name
Type1
1. I=Input, O=Output
Function
GND
0
Ground
The center pad should be connected to RF ground with
several low inductance, low resistance vias
NC
1
No Connection
Unconnected pin
RFIN
2
I
RF input, DC decoupled
NC
3
No Connection
Unconnected pin
VREF
4
I
1st and 2nd stage idle current control
NC
5
No Connection
Unconnected pin
NC
6
No Connection
Unconnected pin
NC
7
No Connection
Unconnected pin
Det
8
O
On-chip power detector
NC
9
No Connection
Unconnected pin
NC
10
No Connection
Unconnected pin
RFOUT
11
O
RF output
NC
12
No Connection
Unconnected pin
VCC2
13
Power Supply
PWR
Power supply, 2nd stage
VCCb
14
Power Supply
PWR
Power supply, bias circuit
NC
15
No Connection
Unconnected pin
VCC1
16
Power Supply
PWR
Power supply, 1st stage
T1.0 1321
56
8
16
15
14
9
11
12
10
13
NC
RFOUT
NC
NC
2
1
4
3
NC
RFIN
NC
VREF
7
1321 P1.0
Top View
(contacts facing down)
RF and DC GND
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com