Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP07 Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST12LP07
Description  2.4 GHz High-Power, High-Gain Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP07 Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST12LP07 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST12LP07 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST12LP07 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST12LP07 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST12LP07 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST12LP07 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST12LP07 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST12LP07 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST12LP07 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
©2006 Silicon Storage Technology, Inc.
S71321-00-000
5/06
1
The SST logo and SuperFlash are registered Trademarks of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Preliminary Specifications
FEATURES:
High Gain:
– Typically 29 dB gain across 2.4–2.5 GHz over
temperature 0°C to +85°C
High linear output power:
– >26 dBm P1dB
- Please refer to “Absolute Maximum Stress
Ratings” on page 4
– Meets 802.11g OFDM ACPR requirement up to
22 dBm
– ~2.5% added EVM up to 19 dBm for
54 Mbps 802.11g signal
– Meets 802.11b ACPR requirement up to 22 dBm
High power-added efficiency/Low operating
current for both 802.11g/b applications
– ~22%/220 mA @ POUT = 22 dBm for 802.11g
– ~21%/230 mA @ POUT = 22 dBm for 802.11b
Single-pin low IREF power-up/down control
–IREF <2 mA
Low idle current
–~70 mA ICQ
High-speed power-up/down
– Turn on/off time (10%- 90%) <100 ns
– Typical power-up/down delay with driver delay
included <200 ns
High temperature stability
– ~1 dB gain/power variation between 0°C to +85°C
Low shut-down current (< 0.1 µA)
Excellent On-chip power detection
– <+/- 0.3dB variation between 0°C to +85°C
– <+/- 0.4dB variation with 2:1 VSWR mismatch
– <+/- 0.3dB variation Ch1 through Ch14
20 dB dynamic range on-chip power detection
Simple input/output matching
Packages available
– 16-contact VQFN – 3mm x 3mm
All non-Pb (lead-free) devices are RoHS compliant
APPLICATIONS:
WLAN (IEEE 802.11g/b)
•Home RF
Cordless phones
2.4 GHz ISM wireless equipment
PRODUCT DESCRIPTION
The SST12LP07 is a versatile power amplifier based on
the highly-reliable InGaP/GaAs HBT technology.
The SST12LP07 can be easily configured for high-power
applications with good power-added efficiency while oper-
ating over the 2.4- 2.5 GHz frequency band. This device
typically provides 29 dB gain with 22% power-added effi-
ciency @ POUT = 22 dBm for 802.11g and 21% power-
added efficiency @ POUT = 22 dBm for 802.11b.
The SST12LP07 has excellent linearity, typically ~2.5%
added EVM at 19 dBm output power which is essential for
54 Mbps 802.11g/n operation while meeting 802.11g spec-
trum mask at 22 dBm. The SST12LP07 can also be config-
ured for high-efficiency operation, typically 17 dBm linear 54
Mbps 802.11g output power at 85 mA total power con-
sumption. High-efficiency operation is desirable in embed-
ded applications such as in hand-held units.
The SST12LP07 also features easy board-level usage
along with high-speed power-up/down control through a
single combined reference voltage pin. Ultra-low reference
current (total IREF ~2 mA) makes the SST12LP07 controlla-
ble by an on/off switching signal directly from the baseband
chip. These features coupled with low operating current
make the SST12LP07 ideal for the final stage power ampli-
fication in battery-powered 802.11g/b WLAN transmitter
applications.
The SST12LP07 has an excellent on-chip, single-ended
power detector, which features wide-range (~20 dB) with
dB-wise linearization and high stability over temperature (<
+/-0.3 dB 0°C to +85°C), frequency (<+/-0.3 dB across
Channels 1 through 14), and output load (<+/-0.4 dB
with 2:1 output VSWR all phases). The excellent on-
chip power detector provides a reliable solution to
board-level power control.
The SST12LP07 is offered in a 16-contact VQFN package.
See Figure 2 for pin assignments and Table 1 for pin
descriptions.
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP07
SST12LP072.4 GHz High Gain High Power PA


Similar Part No. - SST12LP07

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP07A SST-SST12LP07A Datasheet
46Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP07A-QXBE MICROCHIP-SST12LP07A-QXBE Datasheet
46Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
10/11
SST12LP07E MICROCHIP-SST12LP07E Datasheet
88Kb / 2P
2.4GHz WLAN 11b/g/n Power
8/3/2016
More results

Similar Description - SST12LP07

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP15 SST-SST12LP15 Datasheet
193Kb / 12P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14A SST-SST12LP14A Datasheet
405Kb / 18P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14C SST-SST12LP14C Datasheet
584Kb / 14P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP18E SST-SST12LP18E Datasheet
236Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP19E MICROCHIP-SST12LP19E Datasheet
391Kb / 23P
2.4 GHz High-Power, High-Gain Power Amplifier
2013 05/13
logo
Silicon Storage Technol...
SST12LP08 SST-SST12LP08 Datasheet
1Mb / 18P
2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP07A-QXBE MICROCHIP-SST12LP07A-QXBE Datasheet
46Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
10/11
logo
List of Unclassifed Man...
SST12LP19E-QX8E ETC2-SST12LP19E-QX8E Datasheet
384Kb / 21P
2.4 GHz High-Power, High-Gain Power Amplifier
logo
Silicon Storage Technol...
SST12CP11 SST-SST12CP11 Datasheet
45Kb / 2P
2.4 GHz High-Power and High-Gain Power Amplifier
SST12LP07A SST-SST12LP07A Datasheet
46Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com