Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP07 Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc

Part # SST12LP07
Description  2.4 GHz High-Power, High-Gain Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP07 Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST12LP07 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST12LP07 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST12LP07 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST12LP07 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST12LP07 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST12LP07 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST12LP07 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST12LP07 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST12LP07 Datasheet HTML 14Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Preliminary Specifications
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP07
11
©2006 Silicon Storage Technology, Inc.
S71321-00-000
5/06
FIGURE 12: Typical Schematic for High-Power/High-Efficiency 802.11b/g Applications
50
Ω / 0–20 mil
RFOUT
47 pF
2.0 pF
50
Ω / 60–70 mil
RFIN
10 µF
22 pF
VCC
6.8 nH
0.1 µF
Det
10 pF
1321 Schematic 1.1
Suggested operation conditions:
1. VCC = 3.3V
2. Center slug to RF ground
3. VREG = 2.85V with R1=110
Ω
* Suggested for robustness under input overdrive condition
when working with some transceivers.
47pF
0.1 µF
R2 = 50
Ω*
2
56
8
16
15
1
14
49
11
12
10
13
3
Bias Circuit
7
0.1 µF
R1 = 110
Ω
VREG
1.5 nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com