Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP07 Datasheet(PDF) 13 Page - Silicon Storage Technology, Inc

Part # SST12LP07
Description  2.4 GHz High-Power, High-Gain Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP07 Datasheet(HTML) 13 Page - Silicon Storage Technology, Inc

Back Button SST12LP07 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST12LP07 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST12LP07 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST12LP07 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST12LP07 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST12LP07 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST12LP07 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST12LP07 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST12LP07 Datasheet HTML 14Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Preliminary Specifications
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP07
13
©2006 Silicon Storage Technology, Inc.
S71321-00-000
5/06
PACKAGING DIAGRAMS
FIGURE 13: 16-contact Very-thin Quad Flat No-lead (VQFN)
SST Package Code: QVC
TABLE
4: Revision History
Revision
Description
Date
00
Initial release of data sheet
May 2006
Note: 1. Complies with JEDEC JEP95 MO-220J, variant VEED-4 except external paddle nominal dimensions.
2. From the bottom view, the pin #1 indicator may be either a 45-degree chamfer or a half-circle notch.
3. The external paddle is electrically connected to the die back-side and possibly to certain VSS leads.
This paddle can be soldered to the PC board; it is suggested to connect this paddle to the VSS of the unit.
Connection of this paddle to any other voltage potential can result in shorts and/or electrical malfunction of the device.
4. Untoleranced dimensions are nominal target dimensions.
5. All linear dimensions are in millimeters (max/min).
16-vqfn-3x3-QVC-2.0
1.7
0.5 BSC
See notes
2 and 3
Pin #1
0.30
0.18
0.075
1.7
0.2
0.05 Max
0.45
0.35
1.00
0.80
Pin #1
TOP VIEW
BOTTOM VIEW
SIDE VIEW
1mm
3.00
± 0.075
3.00
± 0.075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com