Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5533ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5533ACPZ-R7
Description  30 MHz to 1000 MHz 75 廓 Gain Block
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5533ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL5533ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5533ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5533ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5533ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5533ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5533ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5533ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5533ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5533ACPZ-R7 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Preliminary Technical Data
ADL5533
Rev. PrC 5/07 | Page 3 of 9
SPECIFICATIONS
VCC = 5 V, T = 25°C, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
30
1000
MHz
Gain vs. Frequency
± 50 MHz. Center Frequency = 190 MHz or 380 MHz
±0.25
dB
Input Return Loss (S11)
50 MHz to 750 MHz
-10
dB
Output Return Loss (S22)
50 MHz to 750 MHz
-10
dB
FREQUENCY = 70 MHz
Gain
19.8
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±.25
dB
Output 1 dB Compression Point
18.7
dBm
Output Third-Order Intercept
∆f = 1 MHz, Output Power (POUT) = 0 dBm (per tone)
37.3
dBm
Output Second Order Intercept
∆f = 1 MHz, Output Power (POUT) = 0 dBm (per tone)
TBD
dBm
Noise Figure
2.9
dB
FREQUENCY = 380 MHz
Gain
18.6
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±.25
dB
Output 1 dB Compression Point
18.8
dBm
Output Third-Order Intercept
∆f = 1 MHz, Output Power (POUT) = 0 dBm (per tone)
35.7
dBm
Output Second Order Intercept
∆f = 1 MHz, Output Power (POUT) = 0 dBm (per tone)
TBD
dBm
Noise Figure
3.1
dB
FREQUENCY = 820 MHz
Gain
16.8
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±.25
dB
Output 1 dB Compression Point
18.3
dBm
Output Third-Order Intercept
∆f = 1 MHz, Output Power (POUT) = 0 dBm (per tone)
34.5
dBm
Output Second Order Intercept
∆f = 1 MHz, Output Power (POUT) = 0 dBm (per tone)
TBD
dBm
Noise Figure
3.2
dB
POWER INTERFACE
Pins RFOUT,Vcc
Supply Voltage
4.75
5
5.25
V
Supply Current
66
mA
vs. Temperature
−40°C ≤ TA ≤ +85°C
75
mA
Power Dissipation
VPOS = 5V
330
mW



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com