Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5533ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5533ACPZ-R7
Description  30 MHz to 1000 MHz 75 廓 Gain Block
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5533ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

  ADL5533ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5533ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5533ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5533ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5533ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5533ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5533ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5533ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5533ACPZ-R7 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Preliminary Technical Data
ADL5533
Rev. PrC 5/07 | Page 7 of 9
EVALUATION BOARD
Figure 6 shows the schematic for the ADL, 5533 evaluation
board. The board is powered by a single 5 V supply.
The components used on the board are listed in. Table 4 Power
can be applied to the board through clip-on leads (Vcc, Gnd), or
through Jumper W1.
ADL5533
1
2
3
4
8
7
6
5
RFin
RFout
NC
NC
NC
Clin
C3
100 nF
L1
470 nH
C2
10 nF
C4
10 nF
C5
1 uF
W1
VCC
GND
Testloop
Red
Testloop
Black
RFOUT
C1
10 nF
RFIN
NC
NC
6.8 nH
L2
C6
open
C7
Open
Figure 6. Evaluation Board Schematic
Table 4. Evaluation Board Configuration Options
Component
Function
Default Value
C1, C2
AC-coupling capacitors.
10 nF 0402
C3,
Compensates for internal non linearities
C3 100 nF 0603
C4, C5
Power Supply decoupling capacitors capacitor.
C4 10 nF 0603
C5 1uF 0603
C6, C7
Open 0603
L1
DC bias inductor.
470 nH L0603
L2
Output matching element.
6.8 nH L0603
VCC & GND
Clip-on terminals for power supply.
VCC Red
GND Black
RFIN, RFOUT
RF input and output interface
75 ohm “F” type connectors
W1
2-pin jumper for connection of ground and supply via cable.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com