Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5533ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5533ACPZ-R7
Description  30 MHz to 1000 MHz 75 廓 Gain Block
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5533ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL5533ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5533ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5533ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5533ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5533ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5533ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5533ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5533ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5533ACPZ-R7 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Preliminary Technical Data
ADL5533
Rev. PrC 5/07 | Page 5 of 9
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
5CLIN
8NC
NC 4
6NC
RFIN 2
7RFOUT
NC 3
NC1
PIN 1
INDICATOR
TOP VIEW
(Not to Scale)
ADL5533
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions Single
Pin
No.
Mnemonic
Description
2
RFIN
RF Input: Requires a DC blocking capacitor.
7
RFOUT
RF Output and Bias: DC bias is provided to this pin through an inductor. RF path requires a DC blocking
capacitor.
1, 3, 4,
6, 8
NC
No Connect
5
CLIN
A 10 nF capacitor connected between pin 5 and ground provides decoupling for the on board linearizer.
Exposed
Paddle
Internally connected to GND. Solder to a low impedance ground plane



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com