Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5533ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5533ACPZ-R7
Description  30 MHz to 1000 MHz 75 廓 Gain Block
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5533ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5533ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5533ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5533ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5533ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5533ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5533ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5533ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5533ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5533ACPZ-R7 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
30 MHz to 1000 MHz
75 Ω Gain Block
Preliminary Technical Data
ADL5533
Rev. PrC 5/07
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Fixed gain of 20 dB
Operation up to 1000 MHz
+37.3 dBm OIP3 at 70 MHz
Noise Figure 2.9 dB at 70 MHz
Input/output internally matched to 75 Ω
Temperature and power supply stable
Power supply: 5 V
Power supply current: 66 mA
1000 V ESD (Class 1C)
FUNCTIONAL BLOCK DIAGRAM
ADL5533
5CLIN
8NC
NC 4
6NC
RFIN 2
7RFOUT
NC 3
NC 1
Figure 1. Block Diagram
GENERAL DESCRIPTION
The ADL5533 is a fixed-gain, linear amplifier that operates at
frequencies up to 1000 MHz. Intended for use in a wide variety
of applications, including broadband, CATV, cable modem and
FTTH.
The fixed gain of 20 dB is stable over frequency, temperature,
power supply and from device to device. OIP3 is +37.3 dBm
with an output compression point of +18.8 dBm and a noise
figure of 2.9 dB.
The ADL5533 is single-ended and internally matched to 75 Ω
with an input return loss of 10 dB. Only input/output ac-
coupling capacitors, a power supply decoupling capacitor and
external inductor are required for operation.
This amplifier operates with a supply voltage of +5V, consuming
66 mA of supply current.
The ADL5533, fabricated on a GaAs HBT process, and has an
ESD rating of 1000 V (Class 1C).The device is packaged in a 3mm
x 3mm LFCSP that uses an exposed paddle for excellent
thermal impedance and operates from −40°C to +85°C. A fully
populated evaluation board is available.


Similar Part No. - ADL5533ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5530 AD-ADL5530 Datasheet
305Kb / 12P
DC to 1000 MHz IF Gain Block
7/06-Revision 0
ADL5530 AD-ADL5530 Datasheet
399Kb / 16P
DC to 1000 MHz IF Gain Block
Feb-2017
ADL5530-EVAL AD-ADL5530-EVAL Datasheet
305Kb / 12P
DC to 1000 MHz IF Gain Block
7/06-Revision 0
ADL5530-EVALZ AD-ADL5530-EVALZ Datasheet
399Kb / 16P
DC to 1000 MHz IF Gain Block
Feb-2017
ADL5530ACPZ-R7 AD-ADL5530ACPZ-R7 Datasheet
305Kb / 12P
DC to 1000 MHz IF Gain Block
7/06-Revision 0
More results

Similar Description - ADL5533ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5530 AD-ADL5530 Datasheet
305Kb / 12P
DC to 1000 MHz IF Gain Block
7/06-Revision 0
logo
Mini-Circuits
ADC-10-4-75R MINI-ADC-10-4-75R Datasheet
298Kb / 1P
Directional Coupler 75廓 5 to 1000 MHz
ADC-16-4-75 MINI-ADC-16-4-75 Datasheet
242Kb / 1P
Directional Coupler 75廓 5 to 1000 MHz
JDC-10-4-75 MINI-JDC-10-4-75 Datasheet
317Kb / 1P
Directional Coupler 75廓 10 to 1000 MHz
LRDC-10-2-75 MINI-LRDC-10-2-75 Datasheet
279Kb / 1P
Directional Coupler 75廓 30 to 1000 MHz
LRDC-10-2-75J MINI-LRDC-10-2-75J Datasheet
253Kb / 1P
Directional Coupler 75廓 30 to 1000 MHz
TCD-13-4-75 MINI-TCD-13-4-75 Datasheet
279Kb / 1P
Directional Coupler 75廓 5 to 1000 MHz
TCD-18-4-75 MINI-TCD-18-4-75 Datasheet
279Kb / 1P
Directional Coupler 75廓 10 to 1000 MHz
logo
Analog Devices
ADL5530 AD-ADL5530_15 Datasheet
438Kb / 16P
DC to 1000 MHz IF Gain Block
REV. A
ADL5530 AD-ADL5530_17 Datasheet
399Kb / 16P
DC to 1000 MHz IF Gain Block
Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com