Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV521 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  LPV521 NanoPower, 1.8V, RRIO, CMOS Input, Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LPV521 Datasheet HTML 17Page - Texas Instruments LPV521 Datasheet HTML 18Page - Texas Instruments LPV521 Datasheet HTML 19Page - Texas Instruments LPV521 Datasheet HTML 20Page - Texas Instruments LPV521 Datasheet HTML 21Page - Texas Instruments LPV521 Datasheet HTML 22Page - Texas Instruments LPV521 Datasheet HTML 23Page - Texas Instruments LPV521 Datasheet HTML 24Page - Texas Instruments LPV521 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
7.2 Typical Applications
7.2.1 60Hz Twin T-Notch Filter
10 M:
-
+
VOUT
10 M:
10 M:
VIN
10 M:
10 M:
270 pF
270 pF
270 pF
CR2032 Coin Cell
225 mAh = 5 circuits @ 9.5 yrs.
60 Hz Twin T Notch Filter
AV = 2 V/V
10 M:
270 pF
VBATT
VBATT = 3V o 2V @ end of life
Remote Sensor
Signal
+
60 Hz
To ADC
Signal × 2
(No 60 Hz)
Figure 7-3. 60Hz Notch Filter
7.2.1.1 Design Requirements
Small signals from transducers in remote and distributed sensing applications commonly suffer strong 60Hz
interference from ac power lines. The circuit of Figure 7-3 notches out the 60Hz and provides a gain AV = 2 for
the sensor signal represented by a 1kHz sine wave. Similar stages can be cascaded to remove 2nd and 3rd
harmonics of 60Hz. Thanks to the nA power consumption of the LPV521, even five such circuits can run for 9.5
years from a small CR2032 lithium cell. These batteries have a nominal voltage of 3V and an end of life voltage
of 2V. With an operating voltage from 1.6V to 5.5V, the LPV521 can function over this voltage range.
7.2.1.2 Detailed Design Procedure
The notch frequency is set by F0 = 1 / 2πRC. To achieve a 60Hz notch, use R = 10MΩ and C = 270pF. If
eliminating 50Hz noise, which is common in European systems, use R = 11.8MΩ and C = 270pF.
The twin T notch filter works by having two separate paths from VIN to the amplifier input. A low-frequency
path through resistors R-R and another separate high-frequency path through capacitors C-C. However, at
frequencies around the notch frequency, the two paths have opposing phase angles and the two signals tend to
cancel at the amplifier input.
To ensure that the target center frequency is achieved, and to maximize the notch depth (Q factor), balance
the filter as much as possible. To obtain circuit balance, while overcoming limitations of available standard
resistor and capacitor values, use passives in parallel to achieve the 2C and R/2 circuit requirements for the filter
components that connect to ground.
To ensure that passive component values stay as expected, clean the board with alcohol, rinse with deionized
water, and air dry. Ensure that the board remains in a relatively low humidity environment to minimize moisture
that can increase the conductivity of board components. Also large resistors come with considerable parasitic
stray capacitance; the effects can be reduced by cutting out the ground plane below components of concern.
Use Large resistors in the feedback network to minimize battery drain. When designing with large resistors,
consider the resistor thermal noise, op-amp current noise, as well as op-amp voltage noise in the noise analysis
of the circuit. The noise analysis for the circuit in Figure 7-3 can be done over a bandwidth of 5kHz, which takes
the conservative approach of overestimating the bandwidth (LPV521 typical GBW/AV is less). The total noise
at the output is approximately 800µVPP, which is excellent considering the total consumption of the circuit is
only 540nA. The dominant noise terms are op-amp voltage noise (550µVPP), current noise through the feedback
network (430µVPP), and current noise through the notch filter network (280µVPP). Thus, the total circuit noise is
less than ½ LSB of a 10-bit system with a 2V reference, which is 1mV.
www.ti.com
LPV521
SNOSB14E – AUGUST 2009 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com