Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV521 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  LPV521 NanoPower, 1.8V, RRIO, CMOS Input, Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LPV521 Datasheet HTML 2Page - Texas Instruments LPV521 Datasheet HTML 3Page - Texas Instruments LPV521 Datasheet HTML 4Page - Texas Instruments LPV521 Datasheet HTML 5Page - Texas Instruments LPV521 Datasheet HTML 6Page - Texas Instruments LPV521 Datasheet HTML 7Page - Texas Instruments LPV521 Datasheet HTML 8Page - Texas Instruments LPV521 Datasheet HTML 9Page - Texas Instruments LPV521 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
5.5 Electrical Characteristics (continued)
at TA = 25°C, V+ = 1.8V, 3.3V, and 5V, V– = 0V, VCM = VO = VS / 2, and RL > 1 MΩ (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
VO
Output voltage
Swing from positive rail,
RL = 100kΩ to V+/2,
VIN(diff) = 100mV
V+ = 1.8V
2
50
mV
V+ = 1.8V, TA = –40°C to +125°C
50
V+ = 3.3V
3
50
V+ = 3.3V, TA = –40°C to +125°C
50
V+ = 5V
3
50
V+ = 5V, TA = –40°C to +125°C
50
Swing from negative rail,
RL = 100kΩ to V+/2,
VIN(diff) = –100mV
V+ = 1.8V
2
50
V+ = 1.8V, TA = –40°C to +125°C
50
V+ = 3.3V
2
50
V+ = 3.3V, TA = –40°C to +125°C
50
V+ = 5V
3
50
V+ = 5V, TA = –40°C to +125°C
50
IO
Output current(3)
Sourcing, VO to V–,
VIN(diff) = 100mV
V+ = 1.8V
1
3
mA
V+ = 1.8V, TA = –40°C to +125°C
0.5
V+ = 3.3V
5
11
V+ = 3.3V, TA = –40°C to +125°C
4
V+ = 5V
15
23
V+ = 5V, TA = –40°C to +125°C
8
Sinking, VO to V+,
VIN(diff) = –100mV
V+ = 1.8V
1
3
V+ = 1.8V, TA = –40°C to +125°C
0.5
V+ = 3.3V
5
12
V+ = 3.3V, TA = –40°C to +125°C
4
V+ = 5V
15
22
V+ = 5V, TA = –40°C to +125°C
8
LPV521
SNOSB14E – AUGUST 2009 – REVISED JULY 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com