Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV521 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  LPV521 NanoPower, 1.8V, RRIO, CMOS Input, Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LPV521 Datasheet HTML 18Page - Texas Instruments LPV521 Datasheet HTML 19Page - Texas Instruments LPV521 Datasheet HTML 20Page - Texas Instruments LPV521 Datasheet HTML 21Page - Texas Instruments LPV521 Datasheet HTML 22Page - Texas Instruments LPV521 Datasheet HTML 23Page - Texas Instruments LPV521 Datasheet HTML 24Page - Texas Instruments LPV521 Datasheet HTML 25Page - Texas Instruments LPV521 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
7.2.1.3 Application Curve
Figure 7-4. 60Hz Notch Filter Waveform
7.2.2 Portable Gas Detection Sensor
-
+
VOUT
V
-
V
+
100 M:
1 M:
RL
OXYGEN SENSOR
Figure 7-5. Precision Oxygen Sensor
7.2.2.1 Design Requirements
Gas sensors are used in many different industrial and medical applications. Gas sensors generate a current
that is proportional to the percentage of a particular gas sensed in an air sample. This current goes through a
load resistor and the resulting voltage drop is measured. The LPV521 is an excellent choice for this application
because the device draws only 345nA of current and operates on supply voltages down to 1.6V. Depending on
the sensed gas and sensitivity of the sensor, the output current can be in the order of tens of microamperes to a
few milliamperes. Gas sensor data sheets often specify a recommended load resistor value or suggest a range
of load resistors from which to choose.
Oxygen sensors are used when air quality or oxygen delivered to a patient needs to be monitored. Fresh
air contains 20.9% oxygen. Air samples containing less than 18% oxygen are considered dangerous. This
application detects oxygen in air. Oxygen sensors are also used in industrial applications where the environment
must lack oxygen. An example is when food is vacuum packed. There are two main categories: oxygen sensors
that sense oxygen when oxygen is abundantly present (for example, in air or near an oxygen tank), and oxygen
sensors that detect traces of oxygen in ppm.
LPV521
SNOSB14E – AUGUST 2009 – REVISED JULY 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com