Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV521 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  LPV521 NanoPower, 1.8V, RRIO, CMOS Input, Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 4 Page - Texas Instruments

  LPV521 Datasheet HTML 1Page - Texas Instruments LPV521 Datasheet HTML 2Page - Texas Instruments LPV521 Datasheet HTML 3Page - Texas Instruments LPV521 Datasheet HTML 4Page - Texas Instruments LPV521 Datasheet HTML 5Page - Texas Instruments LPV521 Datasheet HTML 6Page - Texas Instruments LPV521 Datasheet HTML 7Page - Texas Instruments LPV521 Datasheet HTML 8Page - Texas Instruments LPV521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
5.4 Thermal Information
THERMAL METRIC(1)
LPV521
UNIT
DCK (SC70)
P (PDIP)
5 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance(2)
456
102.3
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
53.9
81.2
°C/W
RθJB
Junction-to-board thermal resistance
48.9
64.9
°C/W
ψJT
Junction-to-top characterization parameter
6.6
47.6
°C/W
ψJB
Junction-to-board characterization parameter
48.3
64.1
°C/W
RθJC(bot)
Junction-to-case(bottom) thermal resistance
N/A
N/A
°C/W
(1)
For information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report.
(2)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature
is PD = (TJ(MAX) – TA) / θJA. All numbers apply for packages soldered directly onto a PCB.
5.5 Electrical Characteristics
at TA = 25°C, V+ = 1.8V, 3.3V, and 5V, V– = 0V, VCM = VO = VS / 2, and RL > 1 MΩ (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VCM = V– + 0.3V
–1
0.1
1
mV
TA = –40°C to +125°C
–1.23
1.23
VCM = V+ – 0.3V
–1
0.1
1
TA = –40°C to +125°C
–1.23
1.23
TCVOS
Input offset voltage drift(2)
±0.4
µV/°C
TA = –40°C to +125°C
V+ = 1.8V, 3.3V
–3
3
V+ = 5V
–3.5
3.5
PSRR
Power-supply rejection
ratio
1.6V ≤ V+ ≤ 5.5V,
VCM = 0.3V
85
109
dB
TA = –40°C to +125°C
76
INPUT BIAS CURRENT
IBIAS
Input bias current
V+ = 1.8V, 3.3V
–1
0.01
1
pA
V+ = 5V
–1
0.04
1
TA = –40°C to +125°C
–50
+50
IOS
Input offset current
V+ = 1.8V
10
fA
V+ = 3.3V
20
V+ = 5V
60
NOISE
Input-referred voltage
noise
V+ = 1.8V
24
µVPP
V+ = 3.3V, 5V
22
en
Input-referred voltage
noise density
f = 100Hz
V+ = 1.8V
265
nV/√Hz
V+ = 3.3V
259
V+ = 5V
255
in
Input-referred current
noise
f = 100Hz
100
fA/√Hz
LPV521
SNOSB14E – AUGUST 2009 – REVISED JULY 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com