Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1193CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1193CS8
Description  Video Difference Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1193CS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1193CS8 Datasheet HTML 3Page - Linear Technology LT1193CS8 Datasheet HTML 4Page - Linear Technology LT1193CS8 Datasheet HTML 5Page - Linear Technology LT1193CS8 Datasheet HTML 6Page - Linear Technology LT1193CS8 Datasheet HTML 7Page - Linear Technology LT1193CS8 Datasheet HTML 8Page - Linear Technology LT1193CS8 Datasheet HTML 9Page - Linear Technology LT1193CS8 Datasheet HTML 10Page - Linear Technology LT1193CS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1193
1193fb
TEMPERATURE (
°C)
–50
300
500
700
800
–25
125
LT1193 • TPC20
0
25
50
75
100
VS = ±5V
TA = 25°C
RL = 1k
VO = ±2V
900
600
400
+SLEW RATE
– SLEW RATE
SETTLING TIME (ns)
40
–4
–2
2
4
50
100
LT1193 • TPC21
60
70
80
90
VS = ±5V
TA = 25°C
RL = 1k
0
10mV
10mV
LOAD RESISTANCE (
Ω)
10
–5
–3
1
5
100
1000
LT1193 • TPC19
VS = ±5V
3
–1
TA = –55°C
TA = 25°C
TA = 125°C
TA = 125°C
TA = –55°C, 25°C
Large-Signal Transient Response
TYPICAL PERFOR A CE CHARACTERISTICS
Output Voltage Swing
vs Load Resistance
Slew Rate vs Temperature
Output Voltage Step
vs Settling Time, AV = 2
Small-Signal Transient Response
Small-Signal Transient Response
LT1193 • TPC22
AV = 2, RL = 150Ω, RFB = 300Ω, RG = 300Ω
LT1193 • TPC23
AV = –10, SMALL-SIGNAL RISE TIME = 43ns
LT1193 • TPC24
AV = 2, RFB = 300Ω, RG = 300Ω,
OVERSHOOT = 25%, RISE TIME = 4.7ns
APPLICATIO S I FOR ATIO
The LT1193 is a video difference amplifier which has two
uncommitted high input impedance (+) and (–) inputs.
The amplifier has one set of inputs that can be used for
reference and feedback. Additionally, this set of inputs
give gain adjust and DC control to the differential amplifier.
The voltage gain of the LT1193 is set like a conventional
operational amplifier. Feedback is applied to Pin 8 and it is
optimized for gains of 2 or greater. The amplifier can be
operated single-ended by connecting either the (+) or (–)
inputs to +/REF, Pin 1. The voltage gain is set by the
resistors: (RFB + RG)/RG.
The primary usefulness of the LT1193 is in converting
high speed differential signals to a single-ended output.
The amplifier has common mode rejection beyond 50MHz
and a full-power bandwidth of 40MHz at 4VP-P. Like the
single-ended case, the differential voltage gain is set by the
external resistors: (RFB + RG)/RG. The maximum input
differential signal for which the output will respond is
approximately
±1.3V.
Power Supply Bypassing
The LT1193 is quite tolerant of power supply bypassing.
In some applications a 0.1
µF ceramic disc capacitor
placed 1/2 inch from the amplifier is all that is required. A
scope photo of the amplifier output with no supply by-
passing is used to demonstrate this bypassing tolerance,
RL = 1k.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com