Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1193CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1193CS8
Description  Video Difference Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1193CS8 Datasheet(HTML) 5 Page - Linear Technology

  LT1193CS8 Datasheet HTML 1Page - Linear Technology LT1193CS8 Datasheet HTML 2Page - Linear Technology LT1193CS8 Datasheet HTML 3Page - Linear Technology LT1193CS8 Datasheet HTML 4Page - Linear Technology LT1193CS8 Datasheet HTML 5Page - Linear Technology LT1193CS8 Datasheet HTML 6Page - Linear Technology LT1193CS8 Datasheet HTML 7Page - Linear Technology LT1193CS8 Datasheet HTML 8Page - Linear Technology LT1193CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1193
1193fb
TEMPERATURE (
°C)
–50
1.0
1.5
2.5
3.0
4.0
4.5
5.0
0
25
75
125
LT1193 • TPC07
3.5
2.0
–25
50
100
VS = ±5V
VSHDN = –VEE + 0.2V
VSHDN = –VEE + 0.4V
VSHDN = –VEE
FREQUENCY (Hz)
150
300
350
400
10
1k
10k
100k
LT1193 • TPC04
0
100
250
200
50
VS = ±5V
TA = 25°C
RS = 0Ω
100
TEMPERATURE (
°C)
–50
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
0
25
75
125
LT1193 • TPC02
–25
50
100
+IB
–IB
VS = ±5V
IOS
FREQUENCY (Hz)
20
60
80
10
1k
10k
100k
LT1193 • TPC05
0
100
40
VS = ±5V
TA = 25°C
RS = 100k
±V SUPPLY VOLTAGE (V)
0
–10
–6
–2
0
4
6
10
48
10
LT1193 • TPC03
8
2
–4
–8
26
–55
°C
25
°C
125
°C
–55
°C
25
°C
+V COMMON MODE
–V COMMON MODE
125
°C
TEMPERATURE (
°C)
–50
–2
–1
0
1
2
3
–25
0
50
75
LT1193 • TPC08
25
100
125
RL = 100Ω
RL = 1k
VS = ±5V
COMMON MODE VOLTAGE (V)
–4
–2
–1
0
1
2
3
4
–2
0
2
4
LT1193 • TPC01
–3
–1
1
3
125
°C
–55
°C
25
°C
VS = ±5V
0
5k
10k
15k
20k
TEMPERATURE (
°C)
–50
0
50
100
125
LT1193 • TPC09
–25
25
75
RL = 1k
RL = 100Ω
VS = ±5V
VO = ±3V
±SUPPLY VOLTAGE (V)
0
0
20
30
40
50
246
10
LT1193 • TPC06
8
–55
°C
25
°C
125
°C
10
TYPICAL PERFOR A CE CHARACTERISTICS
Input Bias Current
vs Common Mode Voltage
Input Bias Current
vs Temperature
Common Mode Voltage
vs Supply Voltage
Equivalent Input Noise Voltage
vs Frequency
Supply Current vs Supply Voltage
Equivalent Input Noise Current
vs Frequency
Shutdown Supply Current
vs Temperature
Open-Loop Gain vs Temperature
Gain Error vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com