Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1193CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1193CS8
Description  Video Difference Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1193CS8 Datasheet(HTML) 4 Page - Linear Technology

  LT1193CS8 Datasheet HTML 1Page - Linear Technology LT1193CS8 Datasheet HTML 2Page - Linear Technology LT1193CS8 Datasheet HTML 3Page - Linear Technology LT1193CS8 Datasheet HTML 4Page - Linear Technology LT1193CS8 Datasheet HTML 5Page - Linear Technology LT1193CS8 Datasheet HTML 6Page - Linear Technology LT1193CS8 Datasheet HTML 7Page - Linear Technology LT1193CS8 Datasheet HTML 8Page - Linear Technology LT1193CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1193
1193fb
LT1193C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
N8 Package
q
214
mV
SO-8 Package
q
20
mV
∆VOS/∆T
Input VOS Drift
q
20
µV/°C
IOS
Input Offset Current
q
0.2
3.5
µA
IB
Input Bias Current
q
±0.5
±4
µA
Input Voltage Range
q
–2.5
3.5
V
CMRR
Common Mode Rejection Ratio
VCM = – 2.5V to 3.5V
q
55
70
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.375V to ±5V
q
55
70
dB
VOUT
Output Voltage Swing
RL = 1k
q
3.7
4
V
RL = 100Ω
q
6.2
6.6
V
GE
Gain Error
VO = ± 3V, RL = 1k
q
0.2
1.2
%
IS
Supply Current
q
35
43
mA
Shutdown Supply Current
Pin 5 at V – (Note 10)
q
1.3
2.1
mA
ISHDN
Shutdown Pin Current
Pin 5 at V –
q
20
µA
Note 7: Full-power bandwidth is calculated from the slew rate
measurement:
FPBW = SR/2
πVP.
Note 8: Settling time measurement techniques are shown in “Take the
Guesswork Out of Settling Time Measurements,” EDN, September 19,
1985.
Note 9: NTSC (3.58MHz).
Note 10: See Applications section for shutdown at elevated temperatures.
Do not operate the shutdown above TJ > 125°C.
Note 11: AC parameters are 100% tested on the ceramic and plastic DIP
packaged parts (J and N suffix) and are sample tested on every lot of the
SO packaged parts (S suffix).
Note 1: Absolute Maximum Ratings are those values beyond which the
life of a device may be impaired.
Note 2: A heat sink is required to keep the junction temperature below
absolute maximum when the output is shorted.
Note 3: When RL = 1k is specified, the load resistor is RFB1 + RFB2, but
when RL = 100Ω is specified, then an additional 100Ω is added to the
output.
Note 4: VOS measured at the output (Pin 6) is the contribution from both
input pair, and is input referred.
Note 5: VIN LIM is the maximum voltage between –VIN and +VIN (Pin 2 and
Pin 3) for which the output can respond.
Note 6: Slew rate is measured between
±2V on the output, with a ±1V
input step, AV = 3.
ELECTRICAL CHARACTERISTICS
The q denotes the specificatons which apply over the full operating temperature range of 0
°C ≤ TA ≤ 70°C. VS = ±5V, VREF = 0V,
RFB1 = 900Ω from Pins 6 to 8, RFB2 = 100Ω from Pin 8 to ground, RL = RFB1 + RFB2 = 1k (Note 3), CL ≤ 10pF, Pin 5 open circuit,
unless otherwise noted.
LT1193I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
SO-8 Package
q
220
mV
∆VOS/∆T Input VOS Drift
q
20
µV/°C
IOS
Input Offset Current
q
0.8
5
µA
IB
Input Bias Current
q
±1
±5.5
µA
Input Voltage Range
q
–2.5
3.5
V
CMRR
Common Mode Rejection Ratio
VCM = – 2.5V to 3.5V
q
53
70
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.375V to ±5V
q
53
70
dB
VOUT
Output Voltage Swing
RL = 1k
q
3.6
4
V
VS = ±8V, RL = 100Ω
q
6
6.5
GE
Gain Error
VO = ±3V, RL = 1k
q
0.2
1.2
%
IS
Supply Current
q
35
43
mA
Shutdown Supply Current
Pin 5 at V – (Note 10)
q
1.3
2.2
mA
ISHDN
Shutdown Pin Current
Pin 5 at V –
q
20
µA
The q denotes the specificatons which apply over the full operating temperature range of – 40
°C ≤ TA ≤ 85°C. VS = ±5V,
VREF = 0V, RFB1 = 900Ω from Pins 6 to 8, RFB2 = 100Ω from Pin 8 to ground, RL = RFB2 = 1k (Note 3), CL ≤ 10pF, Pin 5 open circuit,
unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com