Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1193CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1193CS8
Description  Video Difference Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1193CS8 Datasheet(HTML) 3 Page - Linear Technology

  LT1193CS8 Datasheet HTML 1Page - Linear Technology LT1193CS8 Datasheet HTML 2Page - Linear Technology LT1193CS8 Datasheet HTML 3Page - Linear Technology LT1193CS8 Datasheet HTML 4Page - Linear Technology LT1193CS8 Datasheet HTML 5Page - Linear Technology LT1193CS8 Datasheet HTML 6Page - Linear Technology LT1193CS8 Datasheet HTML 7Page - Linear Technology LT1193CS8 Datasheet HTML 8Page - Linear Technology LT1193CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1193
1193fb
LT1193M
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
q
216
mV
∆VOS/∆T Input VOS Drift
q
20
µV/°C
IOS
Input Offset Current
q
0.8
5
µA
IB
Input Bias Current
q
±1
±5.5
µA
Input Voltage Range
q
–2.5
3.5
V
CMRR
Common Mode Rejection Ratio
VCM = – 2.5V to 3.5V
q
53
70
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.375V to ±5V
q
53
70
dB
VOUT
Output Voltage Swing
RL = 1k
q
3.6
4
V
VS = ±8V, RL = 100Ω
q
6
6.5
GE
Gain Error
VO = ± 3V, RL = 1k
q
0.2
1.2
%
IS
Supply Current
q
35
43
mA
Shutdown Supply Current
Pin 5 at V – (Note 10)
q
1.3
2.2
mA
ISHDN
Shutdown Pin Current
Pin 5 at V –
q
20
µA
VS = ±5V, VREF = 0V, RFB1 = 900Ω from Pins 6 to 8, RFB2 = 100Ω from Pin 8
to ground, RL = RFB1 + RFB2 = 1k (Note 3), TA = 25°C, CL ≤ 10pF, Pin 5 open circuit, unless otherwise noted.
LT1193M/C/I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IS
Supply Current
35
43
mA
Shutdown Supply Current
Pin 5 at V –
1.3
2
mA
ISHDN
Shutdown Pin Current
Pin 5 at V –
20
50
µA
tON
Turn On Time
Pin 5 from V – to Ground, RL = 1k
300
ns
tOFF
Turn Off Time
Pin 5 from Ground to V –, RL = 1k
200
ns
LT1193M/C/I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
Both Inputs (Note 4) All Packages
3
15
mV
IOS
Input Offset Current
Either Input
0.2
3
µA
IB
Input Bias Current
Either Input
±0.5
±3.5
µA
Input Voltage Range
2
3.5
V
CMRR
Common Mode Rejection Ratio
VCM = 2V to 3.5V
55
70
dB
VOUT
Output Voltage Swing
RL = 100Ω to Ground
VOUT High
3.6
3.8
V
VOUT Low
0.25
0.4
V
SR
Slew Rate
VO = 1V to 3V
250
V/
µs
BW
Small-Signal Bandwidth
8
MHz
IS
Supply Current
32
40
mA
Shutdown Supply Current
Pin 5 at V –
1.3
2
mA
ISHDN
Shutdown Pin Current
Pin 5 at V –
20
50
µA
VS+ = 5V, VS – = 0V, VREF = 2.5V, RFB1 = 900Ω from Pins 6 to 8, RFB2 = 100Ω from Pin 8 to VREF, RL = RFB1 + RFB2 = 1k (Note 3),
TA = 25°C, CL ≤ 10pF, Pin 5 open circuit, unless otherwise noted.
The q denotes the specificatons which apply over the full operating temperature range of – 55
°C ≤ TA ≤ 125°C. VS = ±5V,
VREF = 0V, RFB1 = 900Ω from Pins 6 to 8, RFB2 = 100Ω from Pin 8 to ground, RL = RFB2 = 1k (Note 3), CL ≤ 10pF, Pin 5 open circuit,
unless otherwise noted.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com