Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL611S-06-XXXTC-R Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PL611S-06-XXXTC-R
Description  Low-Power Programmable Quick Turn ClockTM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL611S-06-XXXTC-R Datasheet(HTML) 1 Page - PhaseLink Corporation

  PL611S-06-XXXTC-R Datasheet HTML 1Page - PhaseLink Corporation PL611S-06-XXXTC-R Datasheet HTML 2Page - PhaseLink Corporation PL611S-06-XXXTC-R Datasheet HTML 3Page - PhaseLink Corporation PL611S-06-XXXTC-R Datasheet HTML 4Page - PhaseLink Corporation PL611S-06-XXXTC-R Datasheet HTML 5Page - PhaseLink Corporation PL611S-06-XXXTC-R Datasheet HTML 6Page - PhaseLink Corporation PL611S-06-XXXTC-R Datasheet HTML 7Page - PhaseLink Corporation PL611S-06-XXXTC-R Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
(Preliminary)PL611s-06
Low-Power Programmable Quick Turn Clock
T M
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 12/12/06 Page 1
FEATURES
• Advanced low-power, space saving programmable
PLL design
• Very low Jitter and Phase Noise (30-70ps Pk-Pk typical)
• Up to 2 programmable clock outputs
• CMOS output frequency up to 35MHz.
• Accepts Crystal or Ref Clock input
o
Fundamental Crystal: 10MHz to 30MHz
o
Reference Input: 1MHz to 100MHz
• Accepts >0.1V reference signal input voltage
• Single 1.8V, 2.5V, or 3.3V ± 10% power supply
• Operating temperature range from -40°C to 85°C
• Available in 6-pin DFN, SC70, and SOT23, GREEN /RoHS
compliant packages
DESCRIPTION
The PL611s-06 is a low-power general purpose
frequency synthesizer and a member of PhaseLink’s
Programmable ‘Quick Turn Clock (QTC)’ family.
PhaseLink’s PL611s-06 can generate two system
clock frequencies of up to 35MHz from a 10MHz to
30MHz fundamental crystal or a 1MHz to 100MHz
Reference clock source. The PL611s-06 offers the
best phase noise and jitter performance, and power
consumption of its rivals. Cascading of the ICs to
produce additional clock frequencies is also
supported.
PACKAGE PIN CONFIGURATION
BLOCK DIAGRAM
Phase
Detector
Charge
Pump
Loop
Filter
VCO
XIN/FIN
XOUT
R-Counter
(8-bit)
FVCO = FREF * (2 * M/R)
FOUT = FVCO / (2 * P)
CLK
FREF
Programming
Logic
OE, CLK1
XTAL
OSC
M-Counter
(11-bit)
P-Counter
(5-bit)
Programmable
CLoad
Programmable Function
1
2
3
4
5
6
OE, CLK1
GND
XIN, FIN
VDD
XOUT
CLK0
DFN
DFN
DFN
DFN----6
6
6
6L
L
L
L
((((2
2
2
2....0
0
0
0mmx
mmx
mmx
mmx1
1
1
1....3
3
3
3mmx
mmx
mmx
mmx0
0
0
0....6
6
6
6mm
mm
mm
mm))))
SOT
SOT
SOT
SOT23
23
23
23----6
6
6
6L
L
L
L
((((3
3
3
3....0
0
0
0mmx
mmx
mmx
mmx3
3
3
3....0
0
0
0mmx
mmx
mmx
mmx1
1
1
1....35
35
35
35mm
mm
mm
mm))))
1
2
3
4
5
6
GND
OE, CLK1
XIN, FIN
VDD
SC
SC
SC
SC70
70
70
70----6
6
6
6L
L
L
L
((((2
2
2
2....3
3
3
3mmx
mmx
mmx
mmx2
2
2
2....25
25
25
25mmx
mmx
mmx
mmx1
1
1
1....0
0
0
0mm
mm
mm
mm))))
CLK0
XOUT
XIN, FIN
OE, CLK1
GND
XOUT
VDD
CLK0
1
2
3
6
5
4


Similar Part No. - PL611S-06-XXXTC-R

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-02 PLL-PL611S-02 Datasheet
215Kb / 8P
1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
logo
Microchip Technology
PL611S-02 MICROCHIP-PL611S-02 Datasheet
290Kb / 20P
1.8V-3.3V PicoPLL, World?셲 Smallest Programmable Clock
11/07/16
logo
PhaseLink Corporation
PL611S-02-XXXGC PLL-PL611S-02-XXXGC Datasheet
215Kb / 8P
1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
PL611S-02-XXXGC-R PLL-PL611S-02-XXXGC-R Datasheet
215Kb / 8P
1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
logo
Microchip Technology
PL611s-02-XXXGC-TR MICROCHIP-PL611s-02-XXXGC-TR Datasheet
290Kb / 20P
1.8V-3.3V PicoPLL, World?셲 Smallest Programmable Clock
11/07/16
More results

Similar Description - PL611S-06-XXXTC-R

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611-01 PLL-PL611-01 Datasheet
263Kb / 6P
Programmable Quick Turn Clock
PL611-05 PLL-PL611-05 Datasheet
237Kb / 4P
Programmable Quick Turn Clock
PL611-07 PLL-PL611-07 Datasheet
237Kb / 4P
Programmable Quick Turn Clock
PL611-20 PLL-PL611-20 Datasheet
261Kb / 7P
Programmable Quick Turn Clock
PL611-25 PLL-PL611-25 Datasheet
234Kb / 5P
Programmable Quick Turn Clock
PL611-30 PLL-PL611-30 Datasheet
227Kb / 7P
Programmable Quick Turn Clock
PL611S-08 PLL-PL611S-08 Datasheet
210Kb / 8P
Low-Power Programmable Quick Turn ClockTM
PL611S-18 PLL-PL611S-18 Datasheet
223Kb / 9P
0.5kHz-125MHz MHz to KHz Programmable ClockTM
PL611S-19 PLL-PL611S-19 Datasheet
208Kb / 8P
0.5kHz-55MHz MHz to KHz Programmable ClockTM
logo
Mini-Circuits
ANNEQ-50X MINI-ANNEQ-50X Datasheet
161Kb / 2P
Termination Quick-Turn
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com