Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL66X-XXQCL-R Datasheet(PDF) 5 Page - PhaseLink Corporation

Part # PL66X-XXQCL-R
Description  Analog Frequency Multiplier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL66X-XXQCL-R Datasheet(HTML) 5 Page - PhaseLink Corporation

  PL66X-XXQCL-R Datasheet HTML 1Page - PhaseLink Corporation PL66X-XXQCL-R Datasheet HTML 2Page - PhaseLink Corporation PL66X-XXQCL-R Datasheet HTML 3Page - PhaseLink Corporation PL66X-XXQCL-R Datasheet HTML 4Page - PhaseLink Corporation PL66X-XXQCL-R Datasheet HTML 5Page - PhaseLink Corporation PL66X-XXQCL-R Datasheet HTML 6Page - PhaseLink Corporation PL66X-XXQCL-R Datasheet HTML 7Page - PhaseLink Corporation PL66X-XXQCL-R Datasheet HTML 8Page - PhaseLink Corporation PL66X-XXQCL-R Datasheet HTML 9Page - PhaseLink Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Analog Frequency Multiplier
PL660 and PL663 XO Families
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990, FAX (510) 492-0991
www.phaselink.com
Rev. 3/20/07 Page 5
EXTERNAL COMPONENT VALUES
INDUCTOR VALUE OPTIMIZATION
The required inductor value(s) for the best performance depends on the operating frequency, and the board layout
specifications. The listed values in this datasheet are based on the calculated parasitic values from PhaseLink’s
evaluation board design. These inductor values provide the user with a starting point to determine the optimum
inductor values. Additional fine-tuning may be required to determine the optimal solution.
To assist with the inductor value optimization, PhaseLink has developed the “AFM Tuning Assistant” software. You
can download this software from PhaseLink’s web site (www.phaselink.com). The software consists of two
worksheets. The first worksheet (named L2) is used to fine-tune the ‘L2’ inductor value, and the second worksheet
(named L4) is used for fine tuning of the ‘L4’ (used in 4x AFMs only) inductor value.
For those designs using PhaseLink’s recommended board layout, you can use the “AFM Tuning Assistant” to
determine the optimum values for the required inductors. This software is developed based on the parasitic
information from PhaseLink’s board layout and can be used to determine the required inductor and parallel
capacitor (see LWB1 and Cstray parameters) values. For those employing a different board layout in their design,
we recommend to use the parasitic information of their board layout to calculate the optimized inductor values.
Please use the following fine tuning procedure:
Figure 5: Diagram Representation of the Related System Inductance and Capacitance
DIE SIDE
PCB side
- Cinternal = Based on AFM Device
- LWB1 = 2 nH, (2 places), Stray inductance
- Cpad = 2.0 pF, Bond pad and its ESD circuitry - Cstray = 1.0 pF, Stray capacitance
- C11 = 0.4 pF, The following amplifier stage
- L2X (L4X) = 2x or 4x inductor
- C2X (C4X) = range (0.1 to 2.7), Fine tune inductor if
used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com