Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL66X-XXQCL-R Datasheet(PDF) 13 Page - PhaseLink Corporation

Part # PL66X-XXQCL-R
Description  Analog Frequency Multiplier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL66X-XXQCL-R Datasheet(HTML) 13 Page - PhaseLink Corporation

Back Button PL66X-XXQCL-R Datasheet HTML 7Page - PhaseLink Corporation PL66X-XXQCL-R Datasheet HTML 8Page - PhaseLink Corporation PL66X-XXQCL-R Datasheet HTML 9Page - PhaseLink Corporation PL66X-XXQCL-R Datasheet HTML 10Page - PhaseLink Corporation PL66X-XXQCL-R Datasheet HTML 11Page - PhaseLink Corporation PL66X-XXQCL-R Datasheet HTML 12Page - PhaseLink Corporation PL66X-XXQCL-R Datasheet HTML 13Page - PhaseLink Corporation PL66X-XXQCL-R Datasheet HTML 14Page - PhaseLink Corporation PL66X-XXQCL-R Datasheet HTML 15Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Analog Frequency Multiplier
PL660 and PL663 XO Families
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990, FAX (510) 492-0991
www.phaselink.com
Rev. 3/20/07 Page 13
PACKAGE PIN DESCRIPTION AND ASSIGNMENT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
GNDOSC
XIN
XOUT
OE
L4X
VDDOSC
L2X
VDDOSC
OESEL
VDDANA
VDDBUF
QBAR
Q
OSCOFFSEL
16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
GNDOSC
XIN
XOUT
OE
DNC
GNDANA
L2X
VDDOSC
VDDANA
OESEL
VDDBUF
QBAR
Q
GNDBUF
16
OE
XOUT
1
2
3
4
8
7
6
5
1
2
1
1
1
0
9
1
3
1
4
1
5
1
6
GNDANA
DNC
OESEL
L2X
VDDOSC
VDDANA
OE
XOUT
VDDOSC
L4X
VDDANA
L2X
VDDOSC
OESEL
1
2
3
4
8
7
6
5
1
2
1
1
1
0
9
1
3
1
4
1
5
1
6
GNDBUF
DNC
DNC
DNC
PL660-XX
PL663-XX
2x AFM Package Pin Out
4x AFM Package Pin Out
PIN ASSIGNMENTS
Name
Pin #
Type
Product
Description
DNC
2X
Do Not Connect.
OSCOFFSEL
1
I
4X
Set to “0” (GND) to turn off the oscillator when outputs are disabled (OE). Default (no connect) is
OSC always on.
GNDOSC
2
P
2X & 4X
GND connection for oscillator.
DNC
3
I
2X & 4X
Do Not Connect.
XIN
4
I
2X & 4X
Input from crystal oscillator circuitry.
XOUT
5
O
2X & 4X
Output from crystal oscillator circuitry.
OE
6
I
2X & 4X
Output Enable input. See “OE LOGIC SELECTION TABLE”.
DNC
2X
Do Not Connect.
L4X
7
I
4X
External inductor connection. The inductor is recommended to be a high Q small size 0402 or
0603 SMD component, and must be placed between L4X and adjacent VDDOSC. Place inductor
as close to the IC as possible to minimize parasitic effects and to maintain inductor Q. This
inductor is used with 4x AFMs.
GNDANA
2X
GND connection.
VDDOSC
8
P
4X
VDD connection for oscillator circuitry. VDDOSC should be separately decoupled from other
VDDs whenever possible.
GNDBUF
9
P
2X & 4X
GND connection.
Q
10
O
2X & 4X
PECL/LVDS/CMOS output.
QBAR
11
O
2X & 4X
Complementary PECL/LVDS output or in-phase CMOS.
VDDBUF
12
P
2X & 4X
VDD connection for output buffer circuitry. VDDBUF should be separately decoupled from other
VDDs whenever possible.
13
2X
OESEL
14
I
4X
Selector input to choose the OE control logic (see “OE SELECTION TABLE”). If no connection
is applied, value will be set to default through internal pull-down resistor.
14
2X
VDDANA
13
P
4X
VDD connection for analog circuitry.VDDANA should be separately decoupled from other VDDs
whenever possible.
VDDOSC
15
P
2X & 4X
VDD connection for oscillator. VDD should be separately decoupled from other VDDs whenever
possible.
L2X
16
I
2X & 4X
External inductor connection. The inductor is recommended to be a high Q small size 0402 or
0603 SMD component, and must be placed between L2X and adjacent VDDOSC. Place inductor
as close to the IC as possible to minimize parasitic effects and to maintain inductor Q.
Note: 663-xx devices are 2x multipliers, and 660-xx devices are 4x multipliers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com